Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 25Page - NXP Semiconductors FXLS8967AF Datasheet HTML 26Page - NXP Semiconductors FXLS8967AF Datasheet HTML 27Page - NXP Semiconductors FXLS8967AF Datasheet HTML 28Page - NXP Semiconductors FXLS8967AF Datasheet HTML 29Page - NXP Semiconductors FXLS8967AF Datasheet HTML 30Page - NXP Semiconductors FXLS8967AF Datasheet HTML 31Page - NXP Semiconductors FXLS8967AF Datasheet HTML 32Page - NXP Semiconductors FXLS8967AF Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Auto-increment Address
Name
Type
Register
Address
F_READ = 0
F_READ = 1
Default
Values
BT_MODE =
GND/[VDD]
Comment
BUF _Y_LSB[1][3][4]
R
0Eh
0Fh
10h/0Ch/0Eh
—
Head/Tail sample of output buffer Y-axis LSB -
buf_y_out[7:0] when
SENS_CONFIG2[LE_BE]
= 0 and buf_y_out[11:4] when
SENS_CONFIG2[
LE_BE
] = 1. When SENS_CONFIG5[Y_DIS] = 1,
this register is skipped over by the auto-increment
mechanism.
BUF _Y_MSB[1][3][4]
R
0Fh
10h/0Ch/0Eh
—
Head/Tail sample of output buffer Y-axis MSB -
buf_Y_out[11:8] when
SENS_CONFIG2[LE_BE] = 0
and buf_y_out[3:0] when
SENS_CONFIG2[LE_BE]
= 1. When
SENS_CONFIG5[Y_DIS] = 1, this
register is skipped over by the auto-increment
mechanism.
BUF_Z_LSB[1][3][4]
R
10h
11h
0Ch/0Eh/10h
—
Head/Tail sample of output buffer Z-axis LSB -
buf_z_out[7:0] when
SENS_CONFIG2[LE_BE] = 0
and buf_z_out[11:4] when
SENS_CONFIG2[LE_BE]
= 1. When
SENS_CONFIG5[Z_DIS] = 1, this register
is skipped over by the auto-increment mechanism.
BUF_Z_MSB[1][3][4]
R
11h
0Ch/0Eh/10h
—
Head/Tail sample of output buffer Z-axis MSB -
buf_Z_out[11:8] when
SENS_CONFIG2[LE_BE] = 0
and buf_z_out[3:0] when
SENS_CONFIG2[LE_BE]
= 1. When
SENS_CONFIG5[Z_DIS] = 1, this register
is skipped over by the auto-increment mechanism.
Device identification
PROD_REV
R
12h
13h
13h
Product revision number in BCD format [maj.min]
with range 1.0 to 9.9
WHO_AM_I[1]
R
13h
14h
87h
8-bit NXP unique sensor product ID.
System status register
SYS_MODE [1] [2]
R
14h
15h
00h/[01h]
Current system operating mode, buffer gate error
flag, and buffer gate error sample count
Device configuration and control registers
SENS_CONFIG1 [1] [5]
R/W
15h
16h
00h/[03h]
Full-scale range selection, self-test axis, and polarity
selection, soft reset, Active mode enable.
SENS_CONFIG2 [1] [5]
R/W
16h
17h
00h
WAKE and SLEEP power mode selections, little/big
endian output mode, auto-increment control, fast
read enable.
SENS_CONFIG3 [1] [5]
R/W
17h
18h
00h/[C0h]
WAKE and SLEEP mode ODR and decimation
selections
SENS_CONFIG4 [1] [5]
R/W
18h
19h
01h
Auto-WAKE/SLEEP interrupt source enable bits,
interrupt output pin logic polarity, and driver type,
external trigger input function enable
SENS_CONFIG5 [1] [5]
R/W
19h
1Ah
00h/[00h]
Auto-increment mechanism disable bits for X/Y/Z
axis data; Hibernate mode enable
WAKE_IDLE _LSB [1] [5]
R/W
1Ah
1Bh
00h
LSB of 12-bit user programmable WAKE mode idle
time - wake_idle[7:0]
WAKE_IDLE_MSB [1] [5]
R/W
1Bh
1Ch
00h
MSB of 12-bit user programmable WAKE mode idle
time - wake_idle[11:8]
SLEEP_IDLE_LSB [1] [5]
R/W
1Ch
1Dh
00h
LSB of 12-bit user programmable SLEEP mode idle
time - sleep_idle[7:0]
SLEEP_IDLE_MSB [1] [5]
R/W
1Dh
1Eh
00h
MSB of 12-bit user programmable SLEEP mode idle
time - sleep_idle[11:8]
ASLP_COUNT_LSB [1] [5]
R/W
1Eh
1Fh
00h
LSB of inactivity time-out count value used for
transitioning into Auto-SLEEP mode: aslp_
count[7:0]. In order to enable the Auto-WAKE/SLEEP
feature, the value written to this register must be ≥ 1.
ASLP_COUNT_MSB [1] [5]
R/W
1Fh
20h
00h
MSB of inactivity time-out count value used
for transitioning into Auto-SLEEP mode: aslp_
count[11:8]
Table 20. Register address map...continued
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
29 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com