Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 42Page - NXP Semiconductors FXLS8967AF Datasheet HTML 43Page - NXP Semiconductors FXLS8967AF Datasheet HTML 44Page - NXP Semiconductors FXLS8967AF Datasheet HTML 45Page - NXP Semiconductors FXLS8967AF Datasheet HTML 46Page - NXP Semiconductors FXLS8967AF Datasheet HTML 47Page - NXP Semiconductors FXLS8967AF Datasheet HTML 48Page - NXP Semiconductors FXLS8967AF Datasheet HTML 49Page - NXP Semiconductors FXLS8967AF Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
5 to 4
SLEEP_PM[1:0]
SLEEP power mode selection
00b: Low-power mode is selected;
SENS_CONFIG3[3:0] bits are interpreted as SLEEP_ODR[3:0]
and sets the ODR and decimation factor as per Table 52.
01b: High performance mode is selected;
SENS_CONFIG3[3:0] bits are interpreted as
SLEEP_ODR[3:0] and set the ODR and decimation factor as per Table 53.
1xb: Flexible performance mode is selected;
SENS_CONFIG3[3:0] bits are interpreted as
SLEEP_DEC[3:0], which sets the measurement decimation factor. The effective ODR (and
measurement current) is determined by the combination of the decimation factor and the 12-bit
measurement idle time programmed in the
SLEEP_IDLE_MSB and SLEEP_IDLE_LSB registers.
See Table 54 for the selectable decimation factors.
Note: In motion detection mode with BT_MODE=VDD, use of HPM or FPM mode is not advised. Only
the default LPM mode should be used.
3
LE_BE
Little/Big-endian output mode selection
0: Little-endian output mode is selected; the output data LSBs are stored at the lower logical address
and the MSBs (nibbles) are right-justified.
1: Big-endian output mode is selected; the output data MSBs are stored at the lower logical address
and the LSBs (nibbles) are left justified.
Note: The output data format selection applies only to the data read from the OUT_X/Y/Z, VECM,
and
BUF_X/Y/Z registers. All other multi-byte fields within the device are fixed in little-endian right
justified format.
1
AINC_TEMP
Temperature output data auto-increment control
0 (default):
TEMP_OUT register content is not included in auto-increment address range.
1:
TEMP_OUT register content is included in auto-increment address range.
0
F_READ
Fast-read mode selection
When this bit is set, the output data format is limited to the most significant byte of the 12-bit sample.
The MSB data is always stored in the lower address, regardless of the setting made in
SENS_
CONFIG1[LE_BE]. The auto-increment address pointer automatically skips over the higher address
for each axis' sample when performing a burst read operation of the current output data or buffered
data when the F_READ bit is set.
0: Normal read mode
1: Fast-read mode
Table 50. SENS_CONFIG2 register (address 16h) bit description...continued
15.13 SENS_CONFIG3 register (address 17h)
The SENS_CONFIG3 register is used to set the WAKE and SLEEP ODRs when
operating in low-power mode or High Performance Mode, and the decimation factor for
WAKE and SLEEP modes in Flexible Power Mode.
Notes:
• In motion detection mode with BT_MODE=VDD, use of HPM or FPM mode is not
advised. Only the default LPM mode should be used.
• When BT_MODE=VDD, maximum recommended ODR is 100 Hz. When the data
ready interrupt is enabled, the interrupt line (INT1) will pulse low for TPULSE-MOT
seconds (
5 ms typ) for every ODR period. Therefore, for higher ODRs, the host does
not observe DRDY interrupt pulse at every ODR period.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
46 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com