Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 25Page - Analog Devices ADRF6521 Datasheet HTML 26Page - Analog Devices ADRF6521 Datasheet HTML 27Page - Analog Devices ADRF6521 Datasheet HTML 28Page - Analog Devices ADRF6521 Datasheet HTML 29Page - Analog Devices ADRF6521 Datasheet HTML 30Page - Analog Devices ADRF6521 Datasheet HTML 31Page - Analog Devices ADRF6521 Datasheet HTML 32Page - Analog Devices ADRF6521 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 30 of 33
DC Offset Loop High-Pass Corner
The ADRF6521 has dc offset loops that null any signal below
their low-pass frequency corner, which is set by a combination
of the internal 35 pF capacitor plus any external capacitor
decoupled to VNEG from OFSx.
Although the dc offset loops have a low-pass response, the signal
paths show a high-pass response because the loops null any low
frequency signal below their low-pass corner. The following
equation shows the relationship between the high-pass corner
observed on the signal paths and the value of the external
capacitor decoupled to VNEG, which is called COFS:
fHP (Hz) = 60/(COFS (µF) + 35 × 10−6)
With COFS = 1 µF, the high-pass corner in Hz is calculated as:
fHP (Hz) = 60/(1 + 35 × 10−6) = 60 Hz
The feedback loop shown in Figure 124 creates the output dc
offset voltage. The differential to single-ended amplifier samples
the differential output, converts the signal into single-ended mode,
and averages the signal with a capacitor connected to VNEG.
This averaged version of the output is compared to the dc voltage
applied to the OFSx pin(s) with the transconductance amplifier
(gm). The output differential current of the gm stage is injected
between the RF and RG resistors of the 18 dB amplifier. The
feedback loop forces the differential current of the gm amplifier to
increase or decrease until the averaged voltage from the differential
to single-ended amplifier is equal to the applied OFSx voltage.
This differential current injected at the input of the amplifier
creates an intentional dc offset voltage at the input, which is
then amplified and seen on the output pins, OPPx and OPMx.
The output dc offset circuits are filtered on each channel via the
FLT1 and FLT2 pins, for Channel 1 and Channel 2, respectively.
Connect both pins to the negative supply via a 1 µF capacitor.
There is an on-chip capacitance of 35 pF on each FLTx node.
GAIN CONTROL INTERFACE
The ADRF6521 has a linear-in-dB gain control interface. The
gain control slope is maintained at 22.2 dB/V over temperature,
supply, and process as gain varies from 250 mV to 1200 mV.
The gain function is given by
Gain (dB) = 22.2 × VVGN – 8.5
where VVGN is the voltage on the VGN gain pin in volts.
The gain control voltage range is from 0 V to 1.5 V, with respect
to analog ground.
POWER-DOWN FUNCTION
The power-down function is accomplished via the PWD pin. By
default, the device is enabled via the resistive divider shown in
Figure 123. Assert the PWD pin to the same potential as VNEG
to reduce the current consumption to roughly 25 mA. Do not
apply a voltage more than VNEG + 3.3 V on the PWD pin.
Higher voltages may cause damage to the device.
20kΩ
VPOS
VNEG
PWD
POWER-DOWN
CONTROL CIRCUITRY
30kΩ
Figure 123. Simplified Power Down Interface
OUTPUTS
IREF ± (–IOFS)
IREF ± IOFS
ADL5569
CORE
FROM
VVA
RF
35pF
VNEG
FLTx
OFSx
RF
RG
5kΩ
RG
DIFFERENTIAL TO
SINGLE-ENDED
AMPLIFIER
gm
Figure 124. Output DC Offset Circuit for a Single Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com