Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6521 Datasheet HTML 1Page - Analog Devices ADRF6521 Datasheet HTML 2Page - Analog Devices ADRF6521 Datasheet HTML 3Page - Analog Devices ADRF6521 Datasheet HTML 4Page - Analog Devices ADRF6521 Datasheet HTML 5Page - Analog Devices ADRF6521 Datasheet HTML 6Page - Analog Devices ADRF6521 Datasheet HTML 7Page - Analog Devices ADRF6521 Datasheet HTML 8Page - Analog Devices ADRF6521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 4 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output DC Offset
(VOPP1 − VOPM1) or (VOPP2 − VOPM2)
OFS1 and OFS2 = 0.75 V (nominal)
<20
mV
OFS1 and OFS2 = 1.2 V
400
mV
OFS1 and OFS2 = 0.3 V
−400
mV
OFS1 and OFS2 = 0 V
−600
mV
OFS1 and OFS2 = 1.5 V
600
mV
DC Offset Channel to Channel
Mismatch
OFS1 and OFS2 = 0.75 V
6.2
mV
OUTPUT STAGE
OPP1, OPM1, OPP2, and OPM2
Maximum Output Swing
At maximum gain, load resistance (RLOAD) = 186 Ω
5.64
V p-p
IMD2, IMD3, HD2, and HD3 are > 55 dBc at a 100 Ω
interface5
1.5
V p-p
Output 1 dB Compression Point
(OP1dB)
Frequency = 1 GHz, gain = 18 dB, RLOAD = 186 Ω
>6
dBV6
At 100 Ω interface5
> 0.6
dBV6
Differential Output Impedance
≤16
Ω
NOISE AND DISTORTION
Single-Supply Operation
Output Noise Density
Input impedance (ZIN) = 100 Ω at 100 Ω interface5
VGN = 1.5 V at 500 MHz
−159.9
dBV/Hz
VGN = 0.75 V at 500 MHz
−161
dBV/Hz
VGN = 0 V at 500 MHz
−161.5
dBV/Hz
VGN = 1.5 V at 2 GHz
−155
dBV/Hz
VGN = 0.75 V at 2 GHz
−157
dBV/Hz
VGN = 0 V at 2 GHz
−157.4
dBV/Hz
Noise Figure
VGN = 1.5 V at 500 MHz
12.3
dB
VGN = 0.75 V at 500 MHz
21.5
dB
VGN = 0 V at 500 MHz
31.5
dB
VGN = 1.5 V at 2 GHz
16.3
dB
VGN = 0.75 V at 2 GHz
24.5
dB
VGN = 0 V at 2 GHz
34.3
dB
Second Harmonic Distortion, HD2
1.5 V p-p output level
VGN = 1.5 V, fundamental at 500 MHz
−75
dBc
VGN = 0.75 V, fundamental at 500 MHz
−76
dBc
VGN = 0 V, fundamental at 500 MHz
−77
dBc
VGN = 1.5 V, fundamental at 1 GHz
−55.9
dBc
VGN = 0.75 V, fundamental at 1 GHz
−54
dBc
VGN = 0 V, fundamental at 1 GHz
−41
dBc
Third Harmonic Distortion, HD3
1.5 V p-p output level
VGN = 1.5 V, fundamental at 500 MHz
−73.7
dBc
VGN = 0.75 V, fundamental at 500 MHz
−72
dBc
VGN = 0 V, fundamental at 500 MHz
−72.6
dBc
VGN = 1.5 V, fundamental at 1 GHz
−57.5
dBc
VGN = 0.75 V, fundamental at 1 GHz
−68
dBc
VGN = 0 V, fundamental at 1 GHz
−62
dBc
IMD2
1.5 V p-p output level
VGN = 1.5 V, 480 MHz and 500 MHz tones
−74
dBc
VGN = 0.75 V, 480 MHz and 500 MHz tones
−62
dBc
VGN = 0 V, 480 MHz and 500 MHz tones
−53
dBc
VGN = 1.5 V, 980 MHz and 1000 MHz tones
−56.8
dBc
VGN = 0.75 V, 980 MHz and 1000 MHz tones
−54
dBc
VGN = 0 V, 980 MHz and 1000 MHz tones
−45
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com