Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 22Page - Analog Devices ADRF6521 Datasheet HTML 23Page - Analog Devices ADRF6521 Datasheet HTML 24Page - Analog Devices ADRF6521 Datasheet HTML 25Page - Analog Devices ADRF6521 Datasheet HTML 26Page - Analog Devices ADRF6521 Datasheet HTML 27Page - Analog Devices ADRF6521 Datasheet HTML 28Page - Analog Devices ADRF6521 Datasheet HTML 29Page - Analog Devices ADRF6521 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 26 of 33
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
VGN VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 102. HD2 vs. VGN Voltage over Temperature and VOCM at 2 GHz
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
VGN VOLTAGE (V)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–40°C
+25°C
+85°C
`Figure 103. HD2 vs. VGN Voltage over Temperature and VOCM at 3 GHz
0
2
4
6
8
10
12
14
16
18
20
500M
1G
3G
FREQUENCY (Hz)
–40°C
+25°C
+85°C
Figure 104. OP1dB vs. Frequency over Temperature and OFSx at Maximum
Gain
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VGN VOLTAGE (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
–40°C
+25°C
+85°C
Figure 105. HD3 vs. VGN Voltage over Temperature and VOCM at 2 GHz
VGN VOLTAGE (V)
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–40°C
+25°C
+85°C
Figure 106. HD3 vs. VGN Voltage over Temperature and VOCM at 3 GHz
0
2
4
6
8
10
12
14
16
18
20
500M
1G
3G
FREQUENCY (Hz)
–40°C
+25°C
+85°C
Figure 107. OP1dB vs. Frequency over Temperature and VOCM at Maximum
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com