Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 25Page - Analog Devices ADRF6521 Datasheet HTML 26Page - Analog Devices ADRF6521 Datasheet HTML 27Page - Analog Devices ADRF6521 Datasheet HTML 28Page - Analog Devices ADRF6521 Datasheet HTML 29Page - Analog Devices ADRF6521 Datasheet HTML 30Page - Analog Devices ADRF6521 Datasheet HTML 31Page - Analog Devices ADRF6521 Datasheet HTML 32Page - Analog Devices ADRF6521 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 31 of 33
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 125 shows the basic connections for a typical ADRF6521
application.
SUPPLY DECOUPLING
Decouple each supply pin, VPOS and VNEG, to ground with at
least one low inductance, surface-mount ceramic capacitor of
0.1 µF placed as close as possible to the ADRF6521 device.
INPUT SIGNAL PATH
Each signal path has an input VGA, accessed through the INP1,
INM1, INP2, and INM2 pins, which sets a differential input
impedance of 100 Ω.
The inputs can be dc-coupled or ac-coupled, but ac coupling is
strongly recommended. There is no mechanism to change the
common-mode voltage. Therefore, if the user wants to use dc
coupling, the common-mode voltage of the previous stage must
match the ADRF6521 input common-mode voltage of (VPOS +
VNEG)/2 V.
OUTPUT SIGNAL PATH
The low impedance (20 Ω) output buffers are designed to drive
a 100 Ω impedance load. However, the buffers can drive larger
resistive loads. The output pins (OPP1, OPM1, OPP2, and OPM2)
sit at a nominal output common-mode voltage of (VPOS +
VNEG)/2 V. The outputs can be dc-coupled or ac-coupled.
However, dc coupling is required to take advantage of the output
dc offset voltage functionality. To change the output common-
mode voltage, the user must apply a dc voltage to the VOCM
pin different than (VPOS + VNEG)/2 V. Left open, VOCM
defaults to (VPOS + VNEG)/2 V. To change the output dc offset
voltage, the user must apply a voltage to the OFS1 and OFS2
pins different than 0.75 V. Left open, these pins are pulled to
ground via an on-chip 5 kΩ resistor, which creates an
approximately −670 mV dc output offset.
OPP1
OPM1
VOCM
VOCM
0.1µF
100pF
VPOS
0.1µF
100pF
GAIN
0.1µF
0.1µF
0.1µF
100pF
0.1µF
100pF
VPOS
0.1µF
100pF
OFS2
0.1µF
100pF
VNEG
0.1µF
100pF
VNEG
0.1µF
100pF
OFS1
0.1µF
100pF
OPP2
OPM2
INM1
COMM
INP1
INP2
INPUT1 (+)
INPUT1 (–)
INPUT2 (+)
INPUT2 (–)
OUTPUT1 (+)
OUTPUT1 (–)
OUTPUT2 (+)
OUTPUT2 (–)
INM2
ADRF6521
20
19
18
17
16
6
7
8
9
10
14
13
12
15
11
2
3
4
1
5
PWD
Figure 125. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com