Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 24Page - Analog Devices ADRF6521 Datasheet HTML 25Page - Analog Devices ADRF6521 Datasheet HTML 26Page - Analog Devices ADRF6521 Datasheet HTML 27Page - Analog Devices ADRF6521 Datasheet HTML 28Page - Analog Devices ADRF6521 Datasheet HTML 29Page - Analog Devices ADRF6521 Datasheet HTML 30Page - Analog Devices ADRF6521 Datasheet HTML 31Page - Analog Devices ADRF6521 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 28 of 33
0
10
20
30
40
50
60
70
80
90
FREQUENCY (GHz)
VGN = 0V
VGN = 0.7V
VGN = 1.5V
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Figure 114. Channel to Channel Isolation vs. Frequency over VGN
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
TIME (ns)
CHANNEL 1
VGN
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–200
–100
0
100
200
300
400
500
600
Figure 115. VGA Step Response Time, Minimum to Maximum Gain
–0.15
–0.10
–05
0
05
0.10
0.15
TIME (ns)
CHANNEL 1
PWD
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
–10
–5
0
5
10
15
20
25
30
Figure 116. Enable Response Time
208
188
–40
80
TEMPERATURE (°C)
–30 –20 –10
0
10
20
30
40
50
60
70
190
192
194
196
198
200
202
204
206
Figure 117. Supply Current vs. Temperature over Multiple Devices
–0.25
–0.20
–0.15
–0.10
–05
0
05
0.10
0.15
0.20
0.25
TIME (ns)
CHANNEL 1
VGN
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–100
100
0
–200
200
300
400
500
600
Figure 118. VGA Step Response Time, Maximum to Minimum Gain
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
–0.15
–0.10
–05
0
05
0.10
0.15
TIME (ns)
CHANNEL 1
PWD
–10
–5
0
5
10
15
20
25
30
Figure 119. Disable Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com