Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6521 Datasheet HTML 1Page - Analog Devices ADRF6521 Datasheet HTML 2Page - Analog Devices ADRF6521 Datasheet HTML 3Page - Analog Devices ADRF6521 Datasheet HTML 4Page - Analog Devices ADRF6521 Datasheet HTML 5Page - Analog Devices ADRF6521 Datasheet HTML 6Page - Analog Devices ADRF6521 Datasheet HTML 7Page - Analog Devices ADRF6521 Datasheet HTML 8Page - Analog Devices ADRF6521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Low Frequency to 3 GHz, Dual VGA with
Output Common-Mode and DC Offset Control
Data Sheet
ADRF6521
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual, matched VGAs
Maximum voltage gain: 18 dB
Gain control attenuation range: 21 dB typical for TA = 25°C
±1 dB gain flatness bandwidth: 2.5 GHz typical
IMD2 and IMD3 (1.5 V p-p output level)
−56.8 dBc typical and −75 dBc typical, respectively, at VGN =
1.5 V, 980 MHz and 1000 MHz tones
HD2 and HD3 (1.5 V p-p output level)
−75 dBc typical and −73.7 dBc typical, respectively, at VGN =
1.5 V, fundamental at 500 MHz
−55.9 dBc typical and −57.5 dBc typical, respectively, at
VGN = 1.5 V, fundamental at 1 GHz
Noise figure
10.5 dB typical at maximum gain and at 500 MHz
14.8 dB at maximum gain and at 2 GHz
Noise figure decreases dB for dB with gain backoff
100 Ω differential input impedance
≤16 Ω differential output impedance
Programmable
Output DC offset nominal range: ±400 mV
Output common-mode control: > ±200 mV for VOCM = ±0.2 V
Single- or dual-supply operation with power-down feature
Single supply: VPOS = 5 V, VNEG = 0 V (nominal)
Dual supply: VPOS = 3 V, VNEG =−2 V (nominal)
APPLICATIONS
Point-to-point and point-to-multipoint radios
Baseband IQ receivers
Diversity receivers
ADC drivers
Instrumentation
Medical
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
18dB
+ –
– +
VPOS
VGN
VNEG
FLT1
OFS1
OPM1
OPP1
VOCM
18dB
OPP2
OPM2
VPOS
PWD
VNEG
FLT2
OFS2
INM1
INP1
COMM
INP2
INM2
ADRF6521
+ –
– +
Figure 1.
GENERAL DESCRIPTION
The ADRF6521 is a dual, fully differential, low noise and low
distortion variable gain amplifier (VGA). The high spurious-
free dynamic range over the gain range makes the ADRF6521
ideal for communication systems with dense constellations,
multiple carriers, and nearby interferers.
The VGA has a 21 dB attenuation range with a typical voltage
gain of 18 dB. The differential input impedance is 100 Ω, while the
differential output impedance is 16 Ω. The ±1 dB gain flatness
bandwidth is 2.5 GHz. The output buffers are capable of swinging
1.5 V p-p into 100 Ω loads at >55 dBc for second-order and
third-order intermodulation distortion (IMD2 and IMD3), and
for second and third harmonic distortion (HD2 and HD3) from
low frequency to 1 GHz. Variable output dc offset control is
accomplished with the OFS1 and OFS2 pins, and the output
common-mode can be controlled with the VOCM pin.
The ADRF6521 flexibly operates from a single +5 V supply or
from a range of dual supplies and consumes a total supply
current of 200 mA. When fully disabled, it consumes 25 mA
typical. The ADRF6521 is fabricated in an advanced silicon-
germanium BiCMOS process and is available in a 20-lead,
exposed pad, 3 mm × 3 mm LFCSP. Performance is specified
over the −40°C to +85°C temperature range.


Similar Part No. - ADRF6521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
ADRF6520-EVALZ AD-ADRF6520-EVALZ Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
ADRF6520ACPZ AD-ADRF6520ACPZ Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
ADRF6520ACPZ-R7 AD-ADRF6520ACPZ-R7 Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
More results

Similar Description - ADRF6521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5330 AD-ADL5330 Datasheet
186Kb / 5P
1 MHz - 3 GHz VGA with 60dB Gain Control Range
6/05-Rev. 0 to Rev. A
ADL5330 AD-ADL5330_05 Datasheet
869Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
6/05-Rev. 0 to Rev. A
logo
Micrel Semiconductor
SY58627L MICREL-SY58627L Datasheet
1Mb / 18P
DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
Dual Output to 50A 600 Vac DC Control
logo
Analog Devices
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
logo
Linear Technology
LTC5585 LINER-LTC5585_15 Datasheet
976Kb / 38P
Wideband IQ Demodulator with IIP2 and DC Offset Control
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
Wall Industries,Inc.
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
Up to 3 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com