Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 20Page - Analog Devices ADRF6521 Datasheet HTML 21Page - Analog Devices ADRF6521 Datasheet HTML 22Page - Analog Devices ADRF6521 Datasheet HTML 23Page - Analog Devices ADRF6521 Datasheet HTML 24Page - Analog Devices ADRF6521 Datasheet HTML 25Page - Analog Devices ADRF6521 Datasheet HTML 26Page - Analog Devices ADRF6521 Datasheet HTML 27Page - Analog Devices ADRF6521 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 24 of 33
0
1.5
VGN VOLTAGE (V)
0
–110
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
+85°C
+25°C
–40°C
Figure 90. HD2 vs. VGN Voltage over Temperature and OFSx at 500 MHz
0
1.5
VGN VOLTAGE (V)
0
–110
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
+85°C
+25°C
–40°C
Figure 91. HD2 vs. VGN Voltage over Temperature and OFSx at 1 GHz
0
1.5
VGN VOLTAGE (V)
0
–100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–90
–80
–70
–60
–50
–40
–30
–20
–10
+85°C
+25°C
–40°C
Figure 92. HD2 vs. VGN Voltage over Temperature and OFSx at 2 GHz
0
1.5
VGN VOLTAGE (V)
0
–110
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
+85°C
+25°C
–40°C
Figure 93. HD3 vs. VGN Voltage over Temperature and OFSx at 500 MHz
0
1.5
VGN VOLTAGE (V)
0
–110
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
+85°C
+25°C
–40°C
Figure 94. HD3 vs. VGN Voltage over Temperature and OFSx at 1 GHz
VGN VOLTAGE (V)
0
1.5
0
–100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 95. HD3 vs. VGN Voltage over Temperature and OFSx at 2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com