Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 4Page - Analog Devices ADRF6521 Datasheet HTML 5Page - Analog Devices ADRF6521 Datasheet HTML 6Page - Analog Devices ADRF6521 Datasheet HTML 7Page - Analog Devices ADRF6521 Datasheet HTML 8Page - Analog Devices ADRF6521 Datasheet HTML 9Page - Analog Devices ADRF6521 Datasheet HTML 10Page - Analog Devices ADRF6521 Datasheet HTML 11Page - Analog Devices ADRF6521 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 8 of 33
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
1
3
4
OPP1
15 OPM1
VOCM
OPP2
11 OPM2
INM1
COMM
2
INP1
INP2
5
INM2
6 7 8 9 10
20 19 18 17 16
ADRF6521
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD IS INTERNALLY
CONNECTED TO VNEG AND MUST BE SOLDERED
TO THE NEGATIVE SUPPLY RAIL.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
INM1, INP1
Channel 1 Differential Inputs, 100 Ω Differential Input Impedance. (VPOS + VNEG)/2 nominal common mode.
3
COMM
Analog Ground.
4, 5
INP2, INM2
Channel 2 Differential Inputs, 100 Ω Differential Input Impedance. (VPOS + VNEG)/2 nominal common mode.
6
OFS2
Channel 2 Output DC Offset Control. Nominal control range from 0.3 V to 1.2 V relative to analog ground. A 0.75 V
on OFSx produces a 0 V output offset voltage. OFS2 is not self biased. OFS2 must be driven. Left unconnected,
OFS2 is pulled to ground via an on-chip 5 kΩ resistor, which forces the output dc offset to be −700 mV. Voltages
greater than 1.5 V but less than the absolute maximum ratings may cause latch-up.
7
FLT2
Channel 2 Filter Pin. Connect FLT2 to the negative supply via a 1 µF capacitor.
8, 18
VNEG
Analog Negative Supply Voltage. For single-supply operation, set VNEG to 0 V nominal, and for dual-supply
operation, set VNEG to −2 V nominal. Keep (VPOS − VNEG) ≤ 5 V, VNEG ≤ COMM ≤ VPOS, and −2.5 V ≤ VNEG ≤ 0 V
to keep the voltage at the allowable pin voltage related to the voltage on the VPOS pin. Pins are electrically connected
on chip and to the exposed pad. Connect both VNEG pins and the exposed pad to the negative supply voltage.
9
PWD
Chip Power Down. Pull to VNEG supply to disable both channels. Leave unconnected to enable. Keep V
PWD ≤
(VNEG + 3.3 V).
10, 16
VPOS
Analog Positive Supply Voltage. For single-supply operation, set VPOS to 5 V nominal, and for dual-supply
operation, set VPOS to 3 V nominal. Keep (VPOS − VNEG) ≤ 5 V, VNEG ≤ COMM ≤ VPOS, and VPOS ≥ 2.3 V to keep
the voltage at the allowable pin voltage related to the voltage on the VNEG pin. Pins are electrically connected
on chip. Connect both VPOS pins to the positive supply voltage.
11, 12
OPM2, OPP2
Channel 2 Differential Outputs. These outputs have a 16 Ω differential output impedance.
13
VOCM
Output Common-Mode Voltage Control. The nominal control range is (VPOS + VNEG)/2 − 200 mV to (VPOS +
VNEG)/2 + 200 mV. A 0 V on VOCM is a 0 V output common-mode voltage. Self biased to (VPOS + VNEG)/2.
Voltages greater than (VVPOS + VVNEG)/2 ± 1 V but less than the absolute maximum ratings may cause latch-up.
14, 15
OPP1, OPM1
Channel 2 Differential Outputs. These outputs have a 16 Ω differential output impedance.
17
VGN
VGA Analog Gain Control. The VGN pins operate from 0 V to 1.5 V with 45 mV/dB gain scaling. Voltages greater
than 1.5 V but less than the absolute maximum ratings may cause latch-up.
19
FLT1
Channel 1 Filter Pin. Connect FLT1 to a negative supply via a 1 µF capacitor.
20
OFS1
Channel 1 Output DC Offset Control. Nominal control range from 0.3 V to 1.2 V relative to analog ground. A 0.75 V
on OFSx produces a 0 V output offset voltage. OFS1 is not self biased. OFS1 must be driven. Left unconnected,
OFS1 is pulled to ground via an on-chip 5 kΩ resistor, which forces the output dc offset to be −700 mV.
EP
Exposed Pad. The exposed pad is internally connected to VNEG and must be soldered to the negative supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com