Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6521ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 27 of 33
–500
–400
–300
–200
–100
0
100
200
300
400
500
0.30.4
0.50.6
0.70.8
0.91.0
1.11.2
VOFSx VOLTAGE (V)
–40°C
+25°C
+85°C
VOCM VARIED FROM –0.3V TO +0.3V IN 0.1V STEPS
Figure 108. Output Differential DC Offset Voltage vs. VOFSx Voltage over
Temperature and VOCM
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY (GHz)
VGN = 0V
VGN = 0.7V
VGN = 1.5V
Figure 109. Channel to Channel Amplitude Mismatch vs. Frequency over VGN
–5
–4
–3
–2
–1
0
1
2
3
4
5
0.1
1
FREQUENCY (GHz)
VGN = 0V
VGN = 0.7V
VGN = 1.5V
Figure 110. Channel to Channel Phase Mismatch vs. Frequency over VGN
0
2
4
6
8
10
12
14
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VOFSx VOLTAGE (V)
VOCM = –0.3V
VOCM = –0.2V
VOCM = –0.1V
VOCM = 0V
VOCM = 0.1V
VOCM = 0.2V
VOCM = 0.3V
Figure 111. Output Differential DC Offset Channel to Channel Mismatch vs.
VOFSx Voltage over VOCM
0
0.20
0.40
0.60
0.80
1.00
1.20
FREQUENCY (GHz)
VGN = 0V
VGN = 0.7V
VGN = 1.5V
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Figure 112. Group Delay vs. Frequency over VGN
–40
–30
–20
–10
0
10
20
30
40
FREQUENCY (GHz)
VGN = 0V
VGN = 0.7V
VGN = 1.5V
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Figure 113. Group Delay Mismatch (Channel to Channel) vs. Frequency over
VGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com