Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6521ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 20 of 33
0.1
FREQUENCY (GHz)
1
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
+85°C, VGN = 1.50V
+25°C, VGN = 1.50V
–40°C, VGN = 1.50V
+85°C, VGN = 0.75V
+25°C, VGN = 0.75V
–40°C, VGN = 0.75V
+85°C, VGN = 0V
+25°C, VGN = 0V
–40°C, VGN = 0V
Figure 66. Differential S11 vs. Frequency over Temperature and VGN
0
3.0
FREQUENCY (GHz)
40
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
5
10
15
20
25
30
35
+85°C, VGN = 1.50V
+25°C, VGN = 1.50V
–40°C, VGN = 1.50V
+85°C, VGN = 0.70V
+25°C, VGN = 0.70V
–40°C, VGN = 0.70V
+85°C, VGN = 0V
+25°C, VGN = 0V
–40°C, VGN = 0V
Figure 67. Noise Figure vs. Frequency over Temperature and VGN
0
1.5
VGN VOLTAGE (V)
40
0
+85°C
+25°C
–40°C
5
10
15
20
25
30
35
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
Figure 68. Noise Figure vs. VGN Voltage over Temperature at 500 MHz
0
0.1
1
FREQUENCY (GHz)
–40°C, VGN = 1.5V
–40°C, VGN = 0.75V
–40°C, VGN = 0V
+25°C, VGN = 1.5V
+25°C, VGN = 0.75V
+25°C, VGN = 0V
+85°C, VGN = 1.5V
+85°C, VGN = 0.75V
+85°C, VGN = 0V
Figure 69. Differential S22 vs. Frequency over Temperature and VGN with 43 Ω
Back Terminations
0
3.0
FREQUENCY (GHz)
–150
–165
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
+85°C, VGN = 1.50V
+25°C, VGN = 1.50V
–40°C, VGN = 1.50V
+85°C, VGN = 0.70V
+25°C, VGN = 0.70V
–40°C, VGN = 0.70V
+85°C, VGN = 0V
+25°C, VGN = 0V
–40°C, VGN = 0V
Figure 70. Output Noise Density vs. Frequency over Temperature and VGN
0
1.5
VGN VOLTAGE (V)
–150
–165
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
+85°C
+25°C
–40°C
Figure 71. Output Noise Density vs. VGN Voltage over Temperature at 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com