Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6521ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 6 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
IMD2
1.5 V p-p output level
VGN = 1.5 V, 480 MHz and 500 MHz tones
−74
dBc
VGN = 0.75 V, 480 MHz and 500 MHz tones
−60.9
dBc
VGN = 0 V, 480 MHz and 500 MHz tones
−53
dBc
VGN = 1.5 V, 980 MHz and 1000 MHz tones
−58
dBc
VGN = 0.75 V, 980 MHz and 1000 MHz tones
−55
dBc
VGN = 0 V, 980 MHz and 1000 MHz tones
−46
dBc
IMD3
1.5 V p-p output level
VGN = 1.5 V, 480 MHz and 500 MHz tones
−80
dBc
VGN = 0.75 V, 480 MHz and 500 MHz tones
−86
dBc
VGN = 0 V, 480 MHz and 500 MHz tones
−73.5
dBc
VGN = 1.5 V, 980 MHz and 1000 MHz tones
−71.6
dBc
VGN = 0.75 V, 980 MHz and 1000 MHz tones
−87
dBc
VGN = 0 V, 980 MHz and 1000 MHz tones
−76
dBc
IIP2
VGN = 1.5 V, 480 MHz and 500 MHz tones
44.9
dBV
VGN = 0.75 V, 480 MHz and 500 MHz tones
43.4
dBV
VGN = 0 V, 480 MHz and 500 MHz tones
45
dBV
VGN = 1.5 V, 980 MHz and 1000 MHz tones
28.7
dBV
VGN = 0.75 V, 980 MHz and 1000 MHz tones
37.3
dBV
VGN = 0 V, 980 MHz and 1000 MHz tones
37.7
dBV
IIP3
VGN = 1.5 V, 480 MHz and 500 MHz tones
10.9
dBV
VGN = 0.75 V, 480 MHz and 500 MHz tones
25.5
dBV
VGN = 0 V, 480 MHz and 500 MHz tones
28.7
dBV
VGN = 1.5 V, 980 MHz and 1000 MHz tones
6.5
dBV
VGN = 0.75 V, 980 MHz and 1000 MHz tones
25.8
dBV
VGN = 0 V, 980 MHz and 1000 MHz tones
29.7
dBV
POWER AND ENABLE
VPOS, VNEG, COMM, and PWD
Supply Voltage Range
VPOS > COMM ≥ VNEG
VPOS − VNEG
Minimum
4
V
Maximum
5
V
VPOS
Minimum
2.5
V
Maximum
5
V
VNEG
Minimum
−2.5
V
Maximum
0
V
Total Supply Current
PWD high voltage
200
mA
Disable Current
PWD = VNEG
25
mA
PWD Voltage Range
Minimum
VNEG
V
Maximum
VNEG + 3.3
V
Enable Threshold
VNEG + 2.7
V
Disable Threshold
VNEG + 0.3
V
Enable Response Time
Delay following PWD low to high transition
<20
ns
Disable Response Time
Delay following PWD high to low transition
<8
ns
1
Voltages beyond this range, but below the absolute maximum ratings, may cause latch-up problems.
2
The voltage range is the functional range of the pin.
3
VVPOS is the VPOS voltage, and VVNEG is the VNEG voltage.
4
VOPP1 is the OPP1 voltage, VOPM1 is the OPM1 voltage, VOPP2 is the OPP2 voltage, and VOPM2 is the OPM2 voltage.
5
Voltage levels at the interface are between the 43 Ω back termination resistors and 100 Ω differential load. This interface is −5.4 dB lower in voltage level than the
output of the ADRF6521.
6
X dBV = 20 × log10(x V rms/1 V rms). 0 dBV is equivalent to 1 V rms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com