Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6521ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 5 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
IMD3
1.5 V p-p output level
VGN = 1.5 V, 480 MHz and 500 MHz tones
−74
dBc
VGN = 0.75 V, 480 MHz and 500 MHz tones
−77
dBc
VGN = 0 V, 480 MHz and 500 MHz tones
−73
dBc
VGN = 1.5 V, 980 MHz and 1000 MHz tones
−75
dBc
VGN = 0.75 V, 980 MHz and 1000 MHz tones
−82
dBc
VGN = 0 V, 980 MHz and 1000 MHz tones
−76
dBc
Input Second-Order Intercept
Point (IIP2)
VGN = 1.5 V, 480 MHz and 500 MHz tones
44.9
dBV
VGN = 0.75 V, 480 MHz and 500 MHz tones
44.5
dBV
VGN = 0 V, 480 MHz and 500 MHz tones
45
dBV
VGN = 1.5 V, 980 MHz and 1000 MHz tones
27.5
dBV
VGN = 0.75 V, 980 MHz and 1000 MHz tones
36.3
dBV
VGN = 0 V, 980 MHz and 1000 MHz tones
36.7
dBV
Input Third-Order Intercept Point
(IIP3)
VGN = 1.5 V, 480 MHz and 500 MHz tones
7.9
dBV
VGN = 0.75 V, 480 MHz and 500 MHz tones
20.1
dBV
VGN = 0 V, 480 MHz and 500 MHz tones
28.5
dBV
VGN = 1.5 V, 980 MHz and 1000 MHz tones
8.2
dBV
VGN = 0.75 V, 980 MHz and 1000 MHz tones
23.3
dBV
VGN = 0 V, 980 MHz and 1000 MHz tones
29.7
dBV
Dual-Supply Operation
Output Noise Density
ZIN = 100 Ω at 100 Ω interface5
VGN = 1.5 V at 500 MHz
−161.7
dBV/Hz
VGN = 0.75 V at 500 MHz
−162.2
dBV/Hz
VGN = 0 V at 500 MHz
−162.1
dBV/Hz
VGN = 1.5 V at 2 GHz
−158.2
dBV/Hz
VGN = 0.75 V at 2 GHz
−158.4
dBV/Hz
VGN = 0 V at 2 GHz
−158.7
dBV/Hz
Noise Figure
VGN = 1.5 V at 500 MHz
10.5
dB
VGN = 0.75 V at 500 MHz
20
dB
VGN = 0 V at 500 MHz
31.3
dB
VGN = 1.5 V at 2 GHz
14.8
dB
VGN = 0.75 V at 2 GHz
24.5
dB
VGN = 0 V at 2 GHz
34.4
dB
HD2
1.5 V p-p output level
VGN = 1.5 V, fundamental at 500 MHz
−79
dBc
VGN = 0.75 V, fundamental at 500 MHz
−93
dBc
VGN = 0 V, fundamental at 500 MHz
−79
dBc
VGN = 1.5 V, fundamental at 1 GHz
−59
dBc
VGN = 0.75 V, fundamental at 1 GHz
−53
dBc
VGN = 0 V, fundamental at 1 GHz
−40.5
dBc
HD3
1.5 V p-p output level
VGN = 1.5 V, fundamental at 500 MHz
−72
dBc
VGN = 0.75 V, fundamental at 500 MHz
−75
dBc
VGN = 0 V, fundamental at 500 MHz
−72
dBc
VGN = 1.5 V, fundamental at 1 GHz
−57
dBc
VGN = 0.75 V, fundamental at 1 GHz
−70
dBc
VGN = 0 V, fundamental at 1 GHz
−62.5
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com