Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6521ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 10 of 33
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
1
FREQUENCY (GHz)
VGN = 1.5V, –40°C
VGN = 0.75V, –40°C
VGN = 0V, –40°C
VGN = 1.5V, +25°C
VGN = 0.75V, +25°C
VGN = 0V, +25°C
VGN = 1.5V, +85°C
VGN = 0.75V, +85°C
VGN = 0V, +85°C
Figure 9. Differential Input Return Loss (S11) vs. Frequency over Temperature
and VGN
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
VGN = 1.5V, +25°C
VGN = 0.75V, +25°C
VGN = 0V, +25°C
VGN = 1.5V, +85°C
VGN = 0.75V, +85°C
VGN = 0V, +85°C
VGN = 1.5V, –40°C
VGN = 0.75V, –40°C
VGN = 0V, –40°C
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Figure 10. Noise Figure vs. Frequency over Temperature and VGN
0
5
10
15
20
25
30
35
40
VGN VOLTAGE (V)
–40°C
+25°C
+85°C
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Figure 11. Noise Figure vs. VGN Voltage over Temperature at 500 MHz
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1
0.1
FREQUENCY (GHz)
VGN = 1.5V, –40°C
VGN = 0.75V, –40°C
VGN = 0V, –40°C
VGN = 1.5V, +25°C
VGN = 0.75V, +25°C
VGN = 0V, +25°C
VGN = 1.5V, +85°C
VGN = 0.75V, +85°C
VGN = 0V, +85°C
Figure 12. Differential Output Return Loss (S22) vs. Frequency over
Temperature and VGN
–165
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
–150
FREQUENCY (GHz)
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
VGN = 1.5V, = –40°C
VGN = 0.75V, –40°C
VGN = 0V, –40°C
VGN = 1.5V, +25°C
VGN = 0.75V, +25°C
VGN = 0V, +25°C
VGN = 1.5V, +85°C
VGN = 0.75V, +85°C
VGN = 0V, +85°C
Figure 13. Output Noise Density vs. Frequency over Temperature and VGN
–165
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
–150
VGN (V)
–40°C
+25°C
+85°C
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Figure 14. Output Noise Density vs. VGN over Temperature at 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com