Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6521ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 19 of 33
DUAL-SUPPLY OPERATION
VPOS = 3 V and VNEG = −2 V, TA = 25°C, ZLOAD = 186 Ω, VGN = 1.5 V, VOCM = 0 V, OFS1 = OFS2 = 0.75 V, output level = 1.5 V p-p,
and 43 Ω back termination de-embedded, unless otherwise noted. Noise figure measured with 100 Ω differential input termination.
Worst case IMD2 and IMD3 tone reported. VOFSx sweeps = 0 V, 0.4 V, 0.75 V, or 1.2 V. VOCM sweeps = −0.1 V, 0 V, or +0.1 V.
20
–4
0
1.5
VGN VOLTAGE (V)
5
–5
–4
–3
–2
–1
0
1
2
3
4
–2
0
2
4
6
8
10
12
14
16
18
+85°C
+25°C
–40°C
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
Figure 60. Voltage Gain and Error vs. VGN Voltage over Temperature at 500 MHz
20
–4
0
1.5
VGN VOLTAGE (V)
5
–5
–4
–3
–2
–1
0
1
2
3
4
–2
0
2
4
6
8
10
12
14
16
18
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
+85°C
+25°C
–40°C
Figure 61. Voltage Gain and Error vs. VGN Voltage over Temperature at 2 GHz
0.1
1
FREQUENCY (GHz)
+25°C, VGN = 1.5V
+25°C, VGN = 0.75V
+25°C, VGN = 0V
+85°C, VGN = 1.5V
+85°C, VGN = 0.75V
+85°C, VGN = 0V
–40°C, VGN = 1.5V
–40°C, VGN = 0.75V
–40°C, VGN = 0V
Figure 62. Voltage Gain vs. Frequency, over Temperature and VGN, 43 Ω Back
Terminations not De-Embedded
20
–4
0
1.5
VGN VOLTAGE (V)
5
–5
–4
–3
–2
–1
0
1
2
3
4
–2
0
2
4
6
8
10
12
14
16
18
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
+85°C
+25°C
–40°C
Figure 63. Voltage Gain and Error vs. VGN Voltage over Temperature at 1 GHz
20
–4
0
1.5
VGN VOLTAGE (V)
5
–5
–4
–3
–2
–1
0
1
2
3
4
–2
0
2
4
6
8
10
12
14
16
18
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
+85°C
+25°C
–40°C
Figure 64. Voltage Gain and Error vs. VGN Voltage over Temperature at 3 GHz
15
–15
1
FREQUENCY (MHz)
1000
10
100
–10
–5
0
5
10
VGN = 1.5V
VGN = 1.4V
VGN = 1.2V
VGN = 1.0V
VGN = 0.8V
VGN = 0.6V
VGN = 0.4V
VGN = 0.2V
VGN = 0V
Figure 65. Voltage Gain vs. Frequency over 200 mV VGN Steps, 43 Ω Back
Terminations not De-Embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com