Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6521ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 3 of 33
SPECIFICATIONS
For single-supply operation, VPOS = 5 V, VNEG = 0 V nominal, and VOCM = 2.5 V, and for dual-supply operation, VPOS = 3 V, VNEG =
−2 V nominal, and VOCM = 0 V, unless otherwise noted. TA = 25°C and load impedance (ZLOAD) = 186 Ω, unless otherwise noted. Voltages
on VOCM, OFS1, and OFS2 are with respect to COMM (analog ground).
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Single-supply operation
±1 dB Gain Flatness Bandwidth
Channel 1 or 2, maximum gain
2.5
GHz
−3 dB Bandwidth
Maximum gain
3.25
GHz
Pass-Band Flatness
Defined as difference between value at 100 kHz and
1 GHz
0.5
dB
Gain Matching
Channel A and Channel B at same gain
Less than 1 GHz
±0.2
dB
Less than 3 GHz
±0.4
dB
Group Delay
Variation
From 500 MHz to 1 GHz
0.1
ns
Matching
Frequency = 1 GHz
±25
ps
Frequency = 3 GHz
±40
ps
INPUT STAGE
INP1, INM1, INP2, INM2
Maximum Input Swing
At minimum gain, VGN = 0 V
8
V p-p
Differential Input Impedance
100
Ω
Input Common-Mode
(VPOS + VNEG)/2, ac coupling recommended
VOCM undriven, single-supply operation
2.5
V
VOCM undriven, dual-supply operation
0.5
V
GAIN CONTROL
VGN (ground referenced)
Voltage Range1, 2
Minimum
0
V
Maximum
1.5
V
Voltage Gain
VGN = 1.5 V, maximum gain
18
dB
VGN = 0 V, minimum gain
−3
dB
Attenuation Range
TA = 25°C
21
dB
−40°C ≤ TA ≤ +85°C
>20
dB
Gain Slope
45
mV/dB
Gain Error
VGN voltage (VVGN) range = 500 mV to 1000 mV
0.2
dB
VGA Step Response Time
Through full attenuator range
Rise Time
From 10% to 90% of output
240
ns
Fall Time
From 90% to 10% of output
250
ns
COMMON-MODE CONTROL3
VOCM (VPOS and VNEG supply referenced)
Default Value
VOCM floating (nominal)
(VVPOS + VVNEG)/2
V
Voltage Range1
Minimum
(VVPOS + VVNEG)/2
– 1
V
Maximum
(VVPOS + VVNEG)/2
+ 1
V
Output Common Mode4
(VOPP1 + VOPM1)/2 or (VOPP2 + VOPM2)/2
VOCM = 0 V
0
V
VOCM = 0.2 V
200
mV
VOCM = −0.2 V
−200
mV
VOCM = ±0.3 V, functional maximum
±300
mV
DC OFFSET CONTROL
OFS1 and OFS2 (ground referenced)
Voltage Range1, 2
Minimum
0
V
Maximum
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com