Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6521ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6521ACPZ-R7
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6521ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6521ACPZ-R7 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 29 of 33
THEORY OF OPERATION
The ADRF6521 is a highly linear, dual channel VGA with a
−3 dB frequency response of 3.25 GHz. The ADRF6521 consists
of a matched pair of VGAs, each consisting of a voltage variable
attenuator (VVA) designed to have 21 dB of attenuation range
at room temperature (TA = 25°C), followed by an 18 dB
amplifier, producing a gain range from +18 dB to −3 dB.
The output stage has the ability to change its common-mode
voltage and have a purposeful dc offset voltage. The output
common-mode voltage range and output dc offset voltage range
are adjustable up to ±200 mV and ±400 mV, respectively, while
still maintaining the high linearity outlined in Table 1. Larger
ranges are possible, but linearity degrades. Figure 120 shows the
simplified block diagram of a single channel.
18dB
20dB
VVA
– +
– +
OUTPUTS
OFSx
VOCM
ANALOG
GAIN CONTROL
45mV/dB
INPUTS
VGN
Figure 120. Simplified Functional Block Diagram for a Single Channel
The entire differential signal chain is dc-coupled. However it is
recommended to ac-couple the input signal paths. The gain setting
control for the two channels is a shared pin (VGN), ensuring close
matching of their magnitude and phase responses. The ADRF6521
is fully disabled by pulling PWD to the VNEG supply.
INPUT VVAs
The input VVAs are designed to have high linearity and excellent
log conformance. The VVAs have a differential input impedance
of 100 Ω and an attenuation range of 21 dB, which decreases
slightly over temperature. If the input must be dc-coupled, the
output common mode of the previous stage must match the
voltage on the VOCM pin. The topology of an input VGA, for
example, the VVA located at the input of the device, is such that
the noise figure degrades dB for dB as attenuation increases. The
VVA maintains its high linearity across its full range of attenuation.
AMPLIFIERS
The ADRF6521 amplifiers use the same core as the ADL5569.
The amplifiers have a low output impedance (<20 Ω), and the
RF to RG on-chip resistor ratio is approximately 8×, which creates
the 18 dB of differential voltage gain. The amplifiers are designed to
drive subsequent amplifier stages and are capable of high linearity
with 1.5 V p-p two-tone signals into 100 Ω differential loads.
OUTPUTS
ADL5569
CORE
FROM
VVA
RF
RG
RF
RF
RG
RG
= 8
AV =
Figure 121. 18 dB Amplifier for a Single Channel
OUTPUT COMMON-MODE VOLTAGE
The output common-mode voltage is set internally to (VPOS +
VNEG)/2, with an on-chip resister divider (see Figure 122). This
voltage can be adjusted ±200 mV via the VOCM pin and the
ADRF6521 still maintains IMD2, IMD3, HD2, and HD3 of
−55 dBc or better. There is a 1 to 1 mapping between the control
voltage applied to VOCM and the output common-mode voltage.
2.5kΩ
VOCM
VPOS
VNEG
OUTPUT
COMMON-MODE
CONTROL CIRCUITRY
2.5kΩ
Figure 122. VOCM Simplified Circuit
OUTPUT DC OFFSET CIRCUIT
The output dc offset on each channel of the ADRF6521 can be
independently nulled out to account for the small inherent dc
offsets of the VVA and amplifier. For applications such as
predistortion, the output dc offset voltage of each channel can
intentionally be increased up to ±400 mV in addition to the
±200 mV output common-mode range, while still maintaining
high linearity. Adjusting the output common-mode and the
output dc offset voltage more than a combined 400 mV from
the nominal voltage on any output pin causes the linearity to
degrade, possibly to IMDx and/or HDx levels worse than −55 dBc.
The output dc offset voltage is defined as follows:
VOFS_DC = VOPPx − VOPMx
where VOPPx and VOPMx are the dc voltages on the OPP1 and
OPM1 or the OPP2 and OPM2 output pins.
The output dc offset voltage is controlled via the OFS1 pin and
OFS2 pin, shown in Figure 120 and Figure 124 as a generic
OFSx pin. The output dc offset voltage is fundamentally caused
by injecting a differential current into the input of the amplifier.
The differential current consists of the following:
•
A reference current (IREF), which is added to both the
positive and negative legs of the differential path
•
A bipolar offset current (IOFS), which is added on one leg of
the differential path and subtracted from the other leg
The reference current is a static current, but the bipolar offset
current is controlled via the respective OFSx pins. Both currents
are injected between the 18 dB amplifier and VVA. Because the
offset current is bipolar, the output dc offset voltage goes up to
+400 mV or down to −400 mV. The nominal closed form
equation between the control voltage on the FLTx pins and the
output dc offset voltage is
VDC_OFFSET_DIFF = 0.89 × VOFSx − 0.668 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com