Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 45Page - Texas Instruments TUSB6250 Datasheet HTML 46Page - Texas Instruments TUSB6250 Datasheet HTML 47Page - Texas Instruments TUSB6250 Datasheet HTML 48Page - Texas Instruments TUSB6250 Datasheet HTML 49Page - Texas Instruments TUSB6250 Datasheet HTML 50Page - Texas Instruments TUSB6250 Datasheet HTML 51Page - Texas Instruments TUSB6250 Datasheet HTML 52Page - Texas Instruments TUSB6250 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
8−8
SLLS535A − January 2004
TUSB6250
8.3.2.4
Register Settings Affect the WAKCLK Interrupt
The seven enable bits listed in Table 8−1 greatly affect the behavior and function of the WAKCLK interrupt
function.
Table 8−1. Register Setting for the WAKCLK Interrupt and Remote Wakeup
BIT NAME
BIT LOCATION
IN REGISTER
FUNCTION CONTROLLED
LPEN
USBCTL [6]
Low power enable.
LPEN controls whether the core clock of the TUSB6250 is shut down when the TUSB6250 enters the USB
suspend state.
WAKCLK
USBMSK [2]
WAKCLK interrupt enable. WAKCLK controls:
S Whether the WAKCLK interrupt is generated when VBUS or any other status change events occur.
S Whether the core clock of the TUSB6250 is awakened in the suspend state along with the RWUPEN bit
setting.
RWUPEN
USBCTL [5]
Remote wakeup enable. RWUPEN controls:
S Whether the core clock of the TUSB6250 is awakened in the suspend state along with the WAKCLK bit
setting.
S Whether the USB resume signaling is sent to the upstream USB host when any remote wakeup event occurs
at either the VBUS pin or any of the four remote wakeup capable GPIOs.
P34STEN
MCUCNFG [2]
GPIO port3.4 status change detection enable.
P34STEN allows the firmware to enable/disable the status change detection on the port3.4 pin.
P35STEN
MCUCNFG [3]
GPIO port3.5 status change detection enable.
P35STEN allows the firmware to enable/disable the status change detection on the port3.5 pin.
CD1STEN
MCUCNFG [4]
Card detection-1 status change enable.
CD1STEN allows the firmware to enable/disable the status change detection on the port3.2 pin.
CD2STEN
MCUCNFG [5]
Card detection-2 status change enable.
CD2STEN allows the firmware to enable/disable the status change detection on the port3.3 pin.
In summary, to configure the WAKCLK interrupt and remote wakeup, it is important to ensure that:
•
When the remote wakeup is desired (this means sending resume signaling to the host is desired), both
WAKCLK and RWUPEN must be set.
•
If the remote wakeup is not desired (this means no resume signaling to the host is desired), while the end
product application can not afford losing any status change event that might occur when the TUSB6250
is in the USB suspend state, the WAKCLK bit can be set, while the RWUPEN bit can be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com