Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 60Page - Texas Instruments TUSB6250 Datasheet HTML 61Page - Texas Instruments TUSB6250 Datasheet HTML 62Page - Texas Instruments TUSB6250 Datasheet HTML 63Page - Texas Instruments TUSB6250 Datasheet HTML 64Page - Texas Instruments TUSB6250 Datasheet HTML 65Page - Texas Instruments TUSB6250 Datasheet HTML 66Page - Texas Instruments TUSB6250 Datasheet HTML 67Page - Texas Instruments TUSB6250 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
8−23
SLLS535A − January 2004
TUSB6250
8.10.16 OEPBCNHY_n: Output Endpoint Y-Buffer Byte Count High-Byte Register (n = 1 to 4) (XDATA at
F01F, F02F, F03F, F04F)
The OEPBCNHY_n register contains the NAK bit and the higher 3-bit value in Y buffer that is used to specify
the amount of data received in a data packet from the USB host. See the procedure described in the
OEPBCNHX_n register when using the NAK bit for flow control handshake.
765
43210
NAK
RSV
RSV
RSV
RSV
C10
C9
C8
R/W
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
2−0
C [10:8]
000
Y-buffer byte count higher 3 bits. These bits, in combination with C[7:0], provide the byte count of a
given transaction (count = 0 to 2047).
6−3
RSV
0
Reserved = 0
7
NAK
0
NAK bit is used as flow control handshake for the Y buffer.
NAK = 0 Buffer is empty and ready for a Host-OUT request.
NAK = 1 Buffer contains a valid packet from the host (will NAK Host-OUT request)
8.11 Serial Number Registers
The USB 2.0 specification encourages end-product vendors to support the unique USB device serial number.
The USB Mass Storage Cass—Bulk Only Transport specification also requires that the serial number shall
contain at least 12 valid digits, represented as a UNICODE string and the last 12 digits of the serial number
shall be unique to each USB idVendor and idProduct pair.
The TUSB6250 supports the unique USB device serial numbers. The serial numbers can be either specified
by the end product developer in the header block of the external I2C EEPROM with the custom format or
generated automatically by the TUSB6250 from its 48-bit on-chip unique die id number.
Each TUSB6250 chip has a unique 48-bit serial die id number, which is generated during the semiconductor
manufacturing process. The die id may not increment sequentially, however it is assured that the complete
48-bit die id is unique to each chip within 9 years.
The procedures below are followed by the TUSB6250 to identify and report the required serial number back
to the USB host:
•
After a power-up reset, the boot code performs a read to the SERNUM0 to SERNUM5 registers and
initializes its device serial number variable field stored in the XDATA memory space with the read value
from these registers.
•
The boot code then checks if the external I2C EEPROM is present on the I2C interface of the TUSB6250.
If the EEPROM is present and contains a valid device serial number as part of the USB device descriptor
information stored in the EEPROM, the boot code overwrites the serial number value stored in the XDATA
memory space with the one found in the EEPROM. Otherwise, the TUSB6250 serial number value stored
in the XDATA memory space stays unchanged from the previous step.
•
In summary:
−
The serial number value specified in the external EEPROM has the highest priority to be loaded into
the XDATA memory space, which is used as part of the valid device descriptor information to be
reported back to the USB host during USB device enumeration.
−
When responding to the Get_DeviceDescriptor command from the USB host, if the external I2C
EEPROM does not contain the valid serial number, the TUSB6250 converts the 48-bit unique serial
number stored in the serial number registers into a string of 12 UNICODE characters and returns the
string to the host.
For detailed information regarding how to specify the custom serial number in the header block of the external
I2C EEPROM, see the TUSB6250 Boot Code application note (SLLA126).
Little endian is used when describing the serial number registers with SERNUM0 as the least significant byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com