Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 91Page - Texas Instruments TUSB6250 Datasheet HTML 92Page - Texas Instruments TUSB6250 Datasheet HTML 93Page - Texas Instruments TUSB6250 Datasheet HTML 94Page - Texas Instruments TUSB6250 Datasheet HTML 95Page - Texas Instruments TUSB6250 Datasheet HTML 96Page - Texas Instruments TUSB6250 Datasheet HTML 97Page - Texas Instruments TUSB6250 Datasheet HTML 98Page - Texas Instruments TUSB6250 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
ATA/ATAPI Interface Port
11−14
SLLS535A − January 2004
TUSB6250
The complete 32-bit transfer byte count (TRNS_BCN [31:0]) is stored in the USB or the ATA/ATAPI transfer
byte count register 0−3.
The initial TRNS_BCN [31:0] is used to indicate the expected total transfer byte count for a command, which
is equal to the dCBWDataTransferLength defined by the USB mass storage bulk-only specification. After data
is transferred through the USB or ATA/ATAPI interface, TRNS_BCN [31:0] is decremented accordingly. If the
command is finished normally, the final TRNS_BCN [31:0] should become 0.
For ATA PIO mode, the MCU should load TRNS_BCN [17:9] with the expected sector number. TRNS_BCN
[17:9] is then copied to SEC_CNT [8:0] as the sector count initial value.
765
43210
TRNS_BCN7
TRNS_BCN6
TRNS_BCN5
TRNS_BCN4
TRNS_BCN3
TRNS_BCN2
TRNS_BCN1
TRNS_BCN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
TRNS_BCN [7:0]
00h
Transfer byte count [7:0] value
11.5.8
TRANSBCNT1: USB or ATA/ATAPI Transfer Byte Count Register 1 (XDATA at
F0D7)
76
5
432
10
TRNS_BCN15
TRNS_BCN14
TRNS_BCN13
TRNS_BCN12
TRNS_BCN11
TRNS_BCN10
TRNS_BCN9
TRNS_BCN8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
TRNS_BCN [15:8]
00h
Transfer byte count [15:8] value
11.5.9
TRANSBCNT2: USB or ATA/ATAPI Transfer Byte Count Register 2 (XDATA at
F0D8)
76
5
432
10
TRNS_BCN23
TRNS_BCN22
TRNS_BCN21
TRNS_BCN20
TRNS_BCN19
TRNS_BCN18
TRNS_BCN17
TRNS_BCN16
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
TRNS_BCN [23:16]
00h
Transfer byte count [23:16] value
11.5.10 TRANSBCNT3: USB or ATA/ATAPI Transfer Byte Count Register 3 (XDATA at
F0D9)
76
5
432
10
TRNS_BCN31
TRNS_BCN30
TRNS_BCN29
TRNS_BCN28
TRNS_BCN27
TRNS_BCN26
TRNS_BCN25
TRNS_BCN24
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
TRNS_BCN [31:24]
00h
Transfer byte count [31:24] value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com