Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 14Page - Texas Instruments TUSB6250 Datasheet HTML 15Page - Texas Instruments TUSB6250 Datasheet HTML 16Page - Texas Instruments TUSB6250 Datasheet HTML 17Page - Texas Instruments TUSB6250 Datasheet HTML 18Page - Texas Instruments TUSB6250 Datasheet HTML 19Page - Texas Instruments TUSB6250 Datasheet HTML 20Page - Texas Instruments TUSB6250 Datasheet HTML 21Page - Texas Instruments TUSB6250 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
Device Parameter Information
4−5
SLLS535A − January 2004
TUSB6250
4.3
Device Operation
4.3.1 Device Master Reset
An external master reset signal, asynchronous to the TUSB6250’s internal clock, is needed to reset the
TUSB6250. This reset is referred to as the power-on reset throughout this document, which is connected to
the RSTI terminal of the TUSB6250. Since the TUSB6250 has built-in noise debouncing circuitry, it also
requires a valid clock signal present during the required active low master reset window. For the details of the
master reset timing requirement, see Section 13.2 Reset Timing Reference.
4.3.2 Clock Generation
The TUSB6250 requires an external 24-MHz crystal to be used. The integrated USB 2.0 UTMI-compliant PHY
generates all of the clock signals needed for the PHY analog, PLL, and digital logic. The PHY also generates
a 60-MHz clock used in the internal digital core of the TUSB6250.
4.3.3 Device Initialization
Since the TUSB6250 contains an integrated MCU, the device initialization process contains the following two
parts:
•
Hardware registers and state machines are cleared to their defined default reset state after power-on reset
initialization. The TUSB6250 powers up with a default USB function address of zero and is disconnected
from the USB bus.
•
The MCU executes a bootloader program in ROM (starting from address 0000 hex) to fetch the valid
application code from the external source and prepare for USB enumeration. The application code, once
in charge, may perform some initialization functions to configure the TUSB6250 to meet the requirement
of a particular end product application.
Since the application code (firmware) space is in the internal RAM, the TUSB6250 firmware needs to be
downloaded from an external source into the RAM space designated for code usage (see section 6.1 MCU
Memory Map for detailed information).
After power-on reset is applied to the TUSB6250, the integrated MCU executes the bootloader program (also
referred as boot code) residing in the on-chip 8K byte ROM mapped to the MCU’s program memory space,
this process is also referred to as booting.
The major tasks of the boot code are:
1.
To fetch the descriptors required for itself or the firmware to perform USB enumeration
2.
Download the application firmware from one of the two external sources available during booting: one from
an external I2C EEPROM connected to the I2C interface of the TUSB6250 and the other from the host
PC via the USB bus connection.
The MCU executes a read from an external I2C EEPROM and checks whether it contains the valid application
code by comparing the read value with the expected boot signature. If it contains the valid code, the MCU
executes follow-up reads from the EEPROM and writes the code into the TUSB6250’s internal 32K bytes of
default code RAM. If the external EEPROM does not contain any valid code, the MCU proceeds to boot from
the USB.
The I2C EEPROM normally is preprogrammed with the valid application code image. It also contains all the
configurable USB descriptors and other configurable descriptors or parameters for the mass storage device
connected to the TUSB6250’s ATA/ATAPI interface. For the option of booting from the USB host, the
application code may reside in the host PC. However, the external I2C EEPROM is still needed to store the
USB 2.0 specification required vendor ID and product ID specific to each individual end product manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com