Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 28Page - Texas Instruments TUSB6250 Datasheet HTML 29Page - Texas Instruments TUSB6250 Datasheet HTML 30Page - Texas Instruments TUSB6250 Datasheet HTML 31Page - Texas Instruments TUSB6250 Datasheet HTML 32Page - Texas Instruments TUSB6250 Datasheet HTML 33Page - Texas Instruments TUSB6250 Datasheet HTML 34Page - Texas Instruments TUSB6250 Datasheet HTML 35Page - Texas Instruments TUSB6250 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
Microcontroller Unit (MCU)
6−9
SLLS535A − January 2004
TUSB6250
Table 6−3. SFR Map [IDATA: 80 FF] (Shaded Area Indicates ESFRs) (Continued)
DESCRIPTION
LABEL
ADDRESS
D1
→ DF is used for scratch pad (see Note 3)
D1
→ DF
Accumulator
A
E0
Interrupt enable register 1
IE1
E8
B register
B
F0
RTK timer register
RTKTM
F6
Vector interrupt register
VECINT
F7
Interrupt priority register 1
IP1
F8
PC copy register (LB)
PCL
F9
PC copy register (HB)
PCH
FA
Watchdog timer CSR
WDCSR
FB
MCU configuration register
MCUCNFG
FC
Power-on reset and suspend detection register
PWONSUSP
FD
Reserved
FE
Reserved
FF
NOTES:
1. ESFRs (BE−CF) are write protected when LJMP to the application is executed. When LJMP to the monitor is executed or when MCU
writes 55h to the BPSTA register these registers become unprotected.
2. Application firmware should not write to the space marked as RESERVED.
3. These locations are reserved as the monitor working area and applications should not use them.
6.3.1 PCON: Power Control Register (at SFR 87h)
The PCON is the standard 8051 power control register. The PCON register is cleared by a power-up reset
or a watchdog timer (WDT) reset. The PCON register also be cleared by a USB reset, when the function reset
connection bit in the USBCTL register is set (FRSTE = 1).
765
43210
SMOD
RSV
RSV
RSV
GF1
FG0
RSV
IDL
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
IDL
0
MCU idle mode bit. This bit can be set by the MCU and is cleared by the assertion of any enabled
interrupt. It is not recommended to use the MCU idle mode during normal operation of the TUSB6250
controller.
1
RSV
0
Reserved = 0
3−2
GF [1:0]
00
General-purpose bits. The MCU can write and read these bits.
6−4
RSV
0
Reserved = 0
7
SMOD
0
Double baud rate control bit. For more information see the UART serial interface in the M8051 core
specification.
6.3.2 RTKTM: RTK Timer Register (at ESFR F6h)
The RTK timer counter is a down counter with its initial value loaded from the RTK timer value specified in the
RTKTM register. A 10-
µs clock is used for the RTK timer counter. When the value in the down counter reaches
zero, an interrupt pulse is generated (connected to INT6) and the RTKTM value is reloaded into the counter.
This register provides an interrupt period of 10
µs to 2550 µs. Any write to this counter clears the original
content of the counter and causes the counter to restart the down count from the new timer value.
The RTKTM register is cleared by a power-up reset or a WDT reset. The RTKTM register can also be cleared
by a USB reset, when the function reset connection bit in the USBCTL register is set (FRSTE = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com