Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 13Page - Texas Instruments TUSB6250 Datasheet HTML 14Page - Texas Instruments TUSB6250 Datasheet HTML 15Page - Texas Instruments TUSB6250 Datasheet HTML 16Page - Texas Instruments TUSB6250 Datasheet HTML 17Page - Texas Instruments TUSB6250 Datasheet HTML 18Page - Texas Instruments TUSB6250 Datasheet HTML 19Page - Texas Instruments TUSB6250 Datasheet HTML 20Page - Texas Instruments TUSB6250 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
Device Parameter Information
4−4
SLLS535A − January 2004
TUSB6250
Table 4−1. Controller Terminal Description (80-Pin TQFP) (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
TYPE
NOTES
DESCRIPTION
P3.7
24
I/O
(2)(5)
(9)
5-V fail-safe general-purpose I/O with internal configurable pullup and pulldown resistors. This
terminal can be used as a GPIO or DASP function, which is implemented by the end product
developer’s custom firmware. After a power-on reset, this terminal defaults as input with the internal
pullup resistor activated. The MCU can reconfigure the pullup and pulldown resistors, if desired.
RST_ATA
61
O
(2)(9)
ATA/ATAPI: Asynchronous drive-reset signal. This terminal should be connected to the
corresponding pin of the ATA/ATAPI interface connector on the end product PCB.
OTHER GPIOS (GENERAL PURPOSE I/Os)
P2.7
3
I/O
(1)(6)
(8)
General-purpose I/O with an internal controllable pullup resistor. After a power-on reset, this terminal
defaults as an input with an internal pullup resistor activated. The MCU can disable the pullup resistor
if desired.
P2.6,
P2.5,
P2.4,
P2.0
62,
64,
65,
74
I/O
(2)(5)
(9)
5-V fail-safe general-purpose I/O with internal configurable pullup and pulldown resistors. After
power-on reset, these terminals default as inputs with the internal pullup resistor activated. The MCU
can reconfigure the pullup and pulldown resistors if desired.
P2.3
67
O
(3)
General-purpose open-drain output without internal pullup and pulldown resistors.
P2.2/
PWR500
68
O
(3)
General-purpose open-drain output. This terminal can be controlled by the firmware to inform the
ATA/ATAPI device connected to the TUSB6250 that the end product device (including the TUSB6250
itself) is allowed to draw 500 mA from the USB bus after the device is fully enumerated and configured
as a USB bus-powered device.
P2.1/
PWR100
69
O
(3)
General-purpose open-drain output. During the USB enumeration phase, This terminal is asserted
by the boot code to inform the ATA/ATAPI device connected to the TUSB6250 that the end product
device (including the TUSB6250 itself) is allowed to draw 100 mA from the USB bus. After the boot
code relinquishes control to the firmware when USB enumeration, configuration, and firmware
download are finished, the firmware can reconfigure the function of this terminal for other usage, as
long as such usage is not conflicting with the previous usage, which, for example, can be
implemented in the end product for power sequencing control purposes. It should be noted that, for
self-powered applications, if VBUS from the USB bus is not present (for example, the USB cable is
not connected) during boot time, the boot code does not assert this terminal. In this condition, it is
the firmware’s responsibility to assert this terminal, once the firmware is downloaded and gains
control.
P3.5,
P3.4
70,
71
I/O
(2)(5)
(9)
5-V fail-safe general-purpose I/O with internal configurable pullup and pulldown resistors. After
power-on reset, these terminals default as inputs with an internal pullup resistor activated. The MCU
can reconfigure the pullup and pulldown resistors if desired. These two terminals can be used as
remote wake-up event inputs. The end product developer’s custom firmware can utilize these two
terminals to implement some end product specific functions, such as cartridge insertion detection,
eject button pressed, or external control input to request the end product custom firmware to put the
TUSB6250’s ATA/ATAPI bus into 3-state.
P3.3/CD2,
P3.2/CD1
72
73
I/O
(2)(5)
(9)
5-V fail-safe general-purpose I/O with internal configurable pullup and pulldown resistors. After
power-on reset, these terminals default as inputs with an internal pullup resistor activated. The MCU
can reconfigure the pullup and pulldown resistors, if desired. These terminals can be used as GPIOs
or compact flash card insertion/removal detection function implemented by the end product
developer’s custom firmware. These terminals are remote wake-up capable inputs, if enabled.
NOTES:
1. 3-state 3.3-V LVCMOS output (
±8-mA drive/sink).
2. 3-state 3.3-V LVCMOS output, 5-V fail-safe (
±8-mA drive/sink). The 5-V fail-safe means this output buffer can be exposed to a 5-V
application environment. Although it can not output 5 V when interfacing with the 5-V ATA/ATAPI device, an external pullup resistor
to a 5-V power source can be used to pull the output voltage up to 5 V. The fail-safe buffer is designed to be protected from damage
under a condition where the buffer is exposed to 5 V, while the device is powered down (its supply voltage is zero).
3. Open-drain output (8-mA sink), 5-V fail-safe, without internal pullup and pulldown resistors.
4. 3.3-V LVCMOS hysteresis input.
5. TTL-compatible, 5-V fail-safe, hysteresis input.
6. 3.3-V LVCMOS input without hysteresis.
7. Open-drain output (4-mA sink) with an internal pullup resistor.
8. Internal 100-
µA active pullup resistor.
9. Configurable internal 200-
µA active pullup and pulldown resistors.
10. Controllable internal 200-
µA active pulldown resistor
11. 1.8-V LVCMOS input buffer
12. 1.8-V LVCMOS output buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com