Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 65Page - Texas Instruments TUSB6250 Datasheet HTML 66Page - Texas Instruments TUSB6250 Datasheet HTML 67Page - Texas Instruments TUSB6250 Datasheet HTML 68Page - Texas Instruments TUSB6250 Datasheet HTML 69Page - Texas Instruments TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments TUSB6250 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
Miscellaneous and GPIO Configuration Registers
9−4
SLLS535A − January 2004
TUSB6250
9.3
PUPDWDN_P2: GPIO Pullup and Pulldown Resistor Power Down for Port 2
(XDATA at F08B)
The PUPDWDN_2 register allows the MCU to enable/disable both the internal pullup/pulldown resistors
connected to port 2 GPIO pins. To choose the desired pullup or pulldown resistor for a particular pin, the MCU
has to ensure the correct setup is done in the PUPDSLCT_P2 register before enabling the corresponding bit
in the PUPDWDN_2 register.
PUPDOFF [N] means the pullup/pulldown resistors disable or power down for the P2.N pin.
765
43210
PUOFF7
PUPDOFF6
PUPDOFF5
PUPDOFF4
RSV
RSV
RSV
PUPDOFF0
R/W
R/W
R/W
R/W
R/O
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
PUPDOFF0
0
Port 2 GPIO pin P2.0 pullup and pulldown resistor power down configuration by the MCU.
S If the MCU sets this bit to 1, both the pullup and pulldown resistor are disabled on P2.0.
S If the MCU clears this bit to 0, either the pullup or pulldown resistor is enabled for P2.0 with
the selection is controlled by bit 0 of the PUPDSLCT_P2 register.
The power-up default is to enable the pullup/pulldown resistor for the P2.0 pin.
3−1
RSV
000b
Reserved
6−4
PUPDOFF [N]
(N = 4 to 6)
0
Port 2 GPIO pin P2.4–P2.6 pullup and pulldown resistor power down configuration by the MCU.
S If the MCU sets this bit to 1, both the pullup and pulldown resistor are disabled on pins
P2.4–P2.6.
S If the MCU clears this bit to 0, either the pullup or the pulldown resistor is enabled for
P2.4–P2.6, with the selection controlled by the corresponding bit of the PUPDSLCT_P2
register.
The power-up default is to enable the pullup/pulldown cell for P2.4–P2.6 pins.
7
PUOFF7
0
Port 2 GPIO pin P2.7 pullup resistor configuration by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is disconnected from pin P2.7.
S If the MCU clears this bit to 0, the pullup resistor is connected to pin P2.7.
The power-up default is to enable the pullup resistor on the P2.7 pin.
9.4
PUPDSLCT_P3: GPIO Pullup and Pulldown Resistor Selection Register for Port 3
(XDATA at F08C)
The PUPDSLCT_P3 register allows the MCU to select either the pullup or pulldown internal resistor to be
connected to the port 3 GPIO pins. To turn off both the pullup and pulldown resistors, the MCU has to configure
the corresponding bit in the PUPDPWDN_P3 register.
PUSEL [N] means the pullup/pulldown resistors selection for P3.N pin.
765
43210
PUSEL7
PUSEL6
PUSEL5
PUSEL4
PUSEL3
PUSEL2
RSV
RSV
R/W
R/W
R/W
R/W
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1−0
rsv
00
Reserved = 00
7−2
PUSEL [N]
(N = 2 to 7)
1
Port 3 GPIO pin P3.2–P3.7 pullup and pulldown resistor selection by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is selected and the pulldown resistor is
deselected.
S If the MCU clears this bit to 0, the pulldown resistor is selected and the pullup resistor is
deselected.
The power-up default is the pullup resistor enabled and the pulldown resistor disabled for
pins P3.2–P3.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com