Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6250 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB6250
Description  USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6250 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB6250 Datasheet HTML 64Page - Texas Instruments TUSB6250 Datasheet HTML 65Page - Texas Instruments TUSB6250 Datasheet HTML 66Page - Texas Instruments TUSB6250 Datasheet HTML 67Page - Texas Instruments TUSB6250 Datasheet HTML 68Page - Texas Instruments TUSB6250 Datasheet HTML 69Page - Texas Instruments TUSB6250 Datasheet HTML 70Page - Texas Instruments TUSB6250 Datasheet HTML 71Page - Texas Instruments TUSB6250 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
Miscellaneous and GPIO Configuration Registers
9−3
SLLS535A − January 2004
TUSB6250
9.2
PUPDSLCT_P2: GPIO Pullup and Pulldown Resistor Selection Register for Port 2
(XDATA at F08A)
The PUPDSLCT_P2 register allows the MCU to select either the pullup or pulldown resistors on the MCU
port 2 GPIO pins. To turn off both the pullup and pulldown resistors, the MCU has to configure the
corresponding bit in the PUPDPWDN_P2 register.
PUSEL [N] means the pullup/pulldown resistor selection for pin P2.N.
765
43210
RSV
PUSEL6
PUSEL5
PUSEL4
RSV
RSV
RSV
PUSEL0
R/O
R/W
R/W
R/W
R/O
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
PUSEL0
0
Port 2 GPIO pin P2.0 pullup and pulldown resistor selection by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is selected and the pulldown resistor is
deselected.
S If the MCU clears this bit to 0, the pulldown resistor is selected and the pullup resistor is
deselected.
The power-up default is the pullup resistor disabled and the pulldown resistor enabled for the P2.0
pin.
3−1
RSV
000b
Reserved
6−4
PUSEL [N]
(N = 4 to 6)
1
Port 2 GPIO pin P2.4–P2.6 pullup and pulldown resistor selection by the MCU.
S If the MCU sets this bit to 1, the pullup resistor is selected and the pulldown resistor is
deselected.
S If the MCU clears this bit to 0, the pulldown resistor is selected and the pullup resistor is
deselected.
The power-up default is the pullup resistor enabled and the pulldown resistor disabled for pins
P2.4–P2.6.
7
RSV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com