Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 17Page - Microchip Technology USB4712 Datasheet HTML 18Page - Microchip Technology USB4712 Datasheet HTML 19Page - Microchip Technology USB4712 Datasheet HTML 20Page - Microchip Technology USB4712 Datasheet HTML 21Page - Microchip Technology USB4712 Datasheet HTML 22Page - Microchip Technology USB4712 Datasheet HTML 23Page - Microchip Technology USB4712 Datasheet HTML 24Page - Microchip Technology USB4712 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 21
USB4712
8.0
FUNCTIONAL DESCRIPTIONS
This section details various USB4712 functions, including:
• Downstream Battery Charging
• Auto-FlexConnect
• USB to GPIO Bridging
• USB to SMBus/I2C Bridging
• USB to SPI Bridging
• USB to UART Bridging
• Link Power Management (LPM)
• Port Power Control
• Resets
8.1
Downstream Battery Charging
The device can be configured by an OEM to have the downstream port support battery charging. The hub’s role in bat-
tery charging is to provide acknowledgment to a device’s query as to whether the hub system supports USB battery
charging. The hub silicon does not provide any current or power FETs or any additional circuitry to actually charge the
device. Those components must be provided externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging specification, the hub can
be configured to indicate the presence of such a supply from the device. This indication, via a handshake on the D+ and
D- at the start of the connection with the device, is on a per port basis.
For detailed information on utilizing the USB4712 battery charging feature, refer to the application note “USB Battery
Charging with Microchip USB4712 Hub
”, which can be found on the Microchip USB4712 product page at www.micro-
chip.com/USB4712.
8.2
Auto-FlexConnect
The USB4712 employs unique Auto-FlexConnect USB functionality, whereby the downstream port can be reconfigured
to become an upstream port, allowing the host or master capability to be switched between ports. This port/host
becomes the master of the new USB bus, while the other port can connect as USB device. The Auto-FlexConnect capa-
bility enables the host/device swap to take place automatically. When the USB4712 detects a USB device disconnect,
the Auto-FlexConnect feature attempts to detect a newly connected host on the downstream port. FlexConnect acti-
vates if a new host on the downstream port is detected. If a new host is not detected, the hub remains in the default
“unflexed” state.
FlexConnect can also be manually enabled through any of the following three methods. (See Note 8-1.)
• SMBus Control: An embedded SMBus master can manually control the state of the FlexConnect feature through
basic write/read operations.
• USB Command: FlexConnect can be manually initiated via a special USB command directed to the hub’s internal
Hub Feature Controller device.
• Direct Pin Control: Any available GPIO pin on the hub can be assigned the role of a manual FlexConnect control
pin.
FIGURE 8-1:
BATTERY CHARGING EXTERNAL POWER SUPPLY
SOC
VBUS[n]
PRT_CTL1
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com