Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 9Page - Microchip Technology USB4712 Datasheet HTML 10Page - Microchip Technology USB4712 Datasheet HTML 11Page - Microchip Technology USB4712 Datasheet HTML 12Page - Microchip Technology USB4712 Datasheet HTML 13Page - Microchip Technology USB4712 Datasheet HTML 14Page - Microchip Technology USB4712 Datasheet HTML 15Page - Microchip Technology USB4712 Datasheet HTML 16Page - Microchip Technology USB4712 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 13
USB4712
3.3
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.3.1
NON-REMOVABLE PORT CONFIGURATION (CFG_NON_REM)
The CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of
two settings. These modes are selected by the configuration of an external resistor on the CFG_NON_REM pin. The
resistor options are a 200 kΩ pull-down and 200 kΩ pull-up as shown in Table 3-3.
3.3.2
BATTERY CHARGING CONFIGURATION (CFG_BC_EN)
The CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of two
settings. These modes are selected by the configuration of an external resistor on the CFG_BC_EN pin. The resistor
options are a 200 kΩ pull-down and 200 kΩ pull-up as shown in Table 3-4.
Note 3-2
BC1.2 must be enabled for Auto-FlexConnect feature to operate. USB4712PF may optionally leave
BC1.2 enabled or disabled with no negative effect to standard (non-Automatic) FlexConnect
operation.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 9.6.2, "Power-On and Configuration Strap Timing" and Section 9.6.3, "Reset and Configuration
Strap Timing". If configuration straps are not at the correct voltage level prior to being latched, the device
may capture incorrect strap values.
TABLE 3-3:
CFG_NON_REM RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
Port 1 removable
200 kΩ Pull-Up
Port 1 non-removable
TABLE 3-4:
CFG_BC_EN RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
No battery charging
200 kΩ Pull-Up
Port 1 battery charging
Note:
The standard port does not support battery charging and OCS (Port 2). See Note 3-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com