Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 7Page - Microchip Technology USB4712 Datasheet HTML 8Page - Microchip Technology USB4712 Datasheet HTML 9Page - Microchip Technology USB4712 Datasheet HTML 10Page - Microchip Technology USB4712 Datasheet HTML 11Page - Microchip Technology USB4712 Datasheet HTML 12Page - Microchip Technology USB4712 Datasheet HTML 13Page - Microchip Technology USB4712 Datasheet HTML 14Page - Microchip Technology USB4712 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 11
USB4712
SMBus 1 Data
SMB1_DAT
I/OD12
SMBus 1 Master Data
Note:
Not available on USB4712PF - HFC is dis-
abled by default.
SMBus 2 Clock
SMB2_CLK
I/OD12
SMBus 2 SLAVE
Note:
Disabled on USB4712PF to prevent interfer-
ence with FlexConnect operation.
SMBus 2 Data
SMB2_DAT
I/OD12
SMBus 2 SLAVE
Note:
Disabled on USB4712PF to prevent interfer-
ence with FlexConnect operation.
UART Interface Pins
UART Transmit
UART_TX
O12
UART Transmit
Note:
Not available on USB4712PF - HFC is dis-
abled by default.
UART Receive
UART_RX
I
UART Receive
Note:
Not available on USB4712PF - HFC is dis-
abled by default.
Miscellaneous
General
Purpose
Input/Output
6, 11
GPIO6
GPIO11
I/O12
General purpose inputs/outputs 6, 11.
Note:
GPIOs not available on USB4712PF - HFC is
disabled by default.
VBUS
Detection
VBUS_DET
I
This signal detects the state of the upstream bus power.
When designing a detachable hub, this pin must be con-
nected to the VBUS power pin of the upstream USB port
through a resistor divider (50 kΩ by 100 kΩ) to provide
3.3 V.
For self-powered applications with a permanently
attached host, this pin must be connected to either 3.3 V
or 5.0 V through a resistor divider to provide 3.3 V. In
embedded applications, VBUS_DET may be controlled
(toggled) when the host desires to renegotiate a connec-
tion without requiring a full reset of the device.
Reset Input
RESET_N
I
This active low signal is used by the system to reset the
device. The active low pulse should be at least 1
s wide.
Bias Resistor
RBIAS
I-R
A 12.0 k
 1.0% resistor is attached from ground to this
pin to set the transceiver’s internal bias settings. Place
the resistor as close to the device as possible with a dedi-
cated, low impedance connection to the GND plane.
External 25 MHz
Crystal Input
XTALI
ICLK
External 25 MHz crystal input.
External 25 MHz
Reference Clock
Input
CLK_IN
ICLK
External reference clock input.
The device may alternatively be driven by a single-ended
clock oscillator. When this method is used, XTALO
should be left unconnected.
External 25 MHz
Crystal Output
XTALO
OCLK
External 25 MHz crystal output.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com