Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 8Page - Microchip Technology USB4712 Datasheet HTML 9Page - Microchip Technology USB4712 Datasheet HTML 10Page - Microchip Technology USB4712 Datasheet HTML 11Page - Microchip Technology USB4712 Datasheet HTML 12Page - Microchip Technology USB4712 Datasheet HTML 13Page - Microchip Technology USB4712 Datasheet HTML 14Page - Microchip Technology USB4712 Datasheet HTML 15Page - Microchip Technology USB4712 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
USB4712
DS00002774G-page 12
 2018-2021 Microchip Technology Inc.
Note 3-1
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N
(external chip reset). Configuration straps are identified by an underlined symbol name. Signals that
function as configuration straps must be augmented with an external resistor when connected to a
load. For additional information, refer to Section 3.3, "Configuration Straps and Programmable
Functions".
Test 1
TEST1
A
Test 1 pin.
This signal is used for test purposes and must always be
pulled-up to resistor (4.7 kOhm recommended).
Test 2
TEST2
A
Test 2 pin.
This signal is used for test purposes and may be pulled
up to 3.3V or pulled-down to ground via a resistor
(4.7kOhm recommended).
Test 3
TEST3
A
Test 3 pin.
This signal is used for test purposes and may be pulled
up to 3.3V or pulled-down to ground via a resistor
(4.7kOhm recommended).
No Connect
NC
-
No Connect.
This pin should be left unconnected for proper operation.
Flex Command
FLEX_CMD
I
Flex Command (USB4712PF Only)
Controls state of FlexConnect.
0 = Not Flexed (Port 0 is UFP)
1 = Flexed (Port 1 is UFP)
Configuration Straps
Non-Removable
Port
Configuration
Strap
CFG_NON_REM
I
Non-Removable Ports Configuration Strap.
This configuration strap controls selection of the non-
removable port. See Note 3-1.
Battery Charging
Configuration
Strap
CFG_BC_EN
I
Battery Charging Configuration Strap.
This configuration strap controls the BC 1.2 enabling on
the downstream port. See Note 3-1.
Power/Ground
+3.3V I/O Power
Supply Input
VDDIO33
P
+3.3V I/O power supply input.
+3.3V Analog
Power Supply
Input
VDDPLLREF33
P
+3.3V master bias / PLL regulator supply input.
+1.2V Core Power
Supply Output
VDDCR12
P
+1.2V digital core power supply output.
Note:
This signal requires connection of a 1uF low-
ESR capacitor to ground.
Ground
VSS
P
Ground pins.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com