Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 4Page - Microchip Technology USB4712 Datasheet HTML 5Page - Microchip Technology USB4712 Datasheet HTML 6Page - Microchip Technology USB4712 Datasheet HTML 7Page - Microchip Technology USB4712 Datasheet HTML 8Page - Microchip Technology USB4712 Datasheet HTML 9Page - Microchip Technology USB4712 Datasheet HTML 10Page - Microchip Technology USB4712 Datasheet HTML 11Page - Microchip Technology USB4712 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
USB4712
DS00002774G-page 8
 2018-2021 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS AND CONFIGURATION
The pin assignments for the USB4712 family are detailed in Section 3.1, "USB4712 Pin Assignments". Pin descriptions
are provided in Section 3.2, "Pin Descriptions".
3.1
USB4712 Pin Assignments
The device pin diagram for the USB4712 can be seen in Figure 3-1. Table 3-1 provides a USB4712 pin assignments
table. Pin descriptions are provided in Section 3.2, "Pin Descriptions".
FIGURE 3-1:
USB4712 PIN ASSIGNMENTS
Note:
Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load.
Ground Pad
(must be connected to VSS)
Indicates pins on the bottom of the device.
VDDPLLREF33
RBIAS
XTALI/CLK_IN
XTALO
VSS
USBH_DP0
VDDIO33
USBH_DM0
SMB1_CLK
SMB1_DAT
SQI_D2
VDDIO33
SPI_CE_N/SQI_CE_N/CFG_NON_REM
SPI_CLK/SQI_CLK
SPI_DO/SQI_D0
VDDIO33
SPI_DI/SQI_D1/CFG_BC_EN
NC
PRT_CTL1/OCS1
VDDCR12
31
32
33
35
36
34
37
39
40
38
19
18
17
16
15
14
13
12
11
20
Microchip
USB4712
(Top View 40-VQFN)
*FLEX_CMD available by default on
USB4712PF only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com