Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 1 Page - Microchip Technology

  USB4712 Datasheet HTML 1Page - Microchip Technology USB4712 Datasheet HTML 2Page - Microchip Technology USB4712 Datasheet HTML 3Page - Microchip Technology USB4712 Datasheet HTML 4Page - Microchip Technology USB4712 Datasheet HTML 5Page - Microchip Technology USB4712 Datasheet HTML 6Page - Microchip Technology USB4712 Datasheet HTML 7Page - Microchip Technology USB4712 Datasheet HTML 8Page - Microchip Technology USB4712 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 1
Highlights
• Single-chip USB 2.0 Hi-Speed hub retimer
- 1 upstream port for USB Host / OTG connection
- 1 downstream port with FlexConnect
• USB Battery Charging, revision 1.2, support on
downstream ports (DCP, CDP, SDP)
• Battery charging support for China and Apple®
profiles
• USB to SMBus, SPI, UART, and GPIO
- Apple authentication chip support
• Retimer provides increased noise immunity,
reducing the risk of compliance failure and
interoperability issues
• Enables longer distance between USB host and
USB device
Target Applications
• Media hubs
• Infotainment head units
• Automotive breakout boxes
• Point of sale
• Host switch for diagnostic mode applications
• Host switch for field firmware upgrades
Product Features
• Auto-FlexConnect
- Downstream port able to swap with upstream port,
allowing USB host swapping
- Triggering FlexConnect
- USB4712 and USB4712LS execute
FlexConnect when new USB host is detected
- USB4712PF executes FlexConnect via a
package pin or USB command
• MultiTRAK™
- Dedicated Transaction Translator per port
• PortSwap
- Configurable differential intra-pair signal swapping
• PHYBoost
- Programmable USB transceiver drive strength for
recovering signal integrity
• VariSense™
- Programmable USB receiver sensitivity
• USB Link Power Management (LPM) support
• Vendor Specific Messaging (VSM) support
• Enhanced OEM configuration options available
•3.3 V supply voltage
• AEC-Q100 compliance
- Microchip parts are tested to meet or exceed the
requirements of the AEC-Q100 automotive qualifi-
cation standards
• Packaging
- 40-pin VQFN (5 x 5 mm)
• Environmental
- Grade 3 automotive temperature range
(-40° to +85°C)
USB4712
USB 2.0 Hi-Speed Retimer Hub Family
with Auto-FlexConnect Capability


Similar Part No. - USB4712

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB4715 MICROCHIP-USB4715 Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
logo
List of Unclassifed Man...
USB4715 ETC-USB4715 Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Global Connector Techno...
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
logo
List of Unclassifed Man...
USB4715-GF-A ETC-USB4715-GF-A Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Microchip Technology
USB4715-I/Y9X MICROCHIP-USB4715-I/Y9X Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
More results

Similar Description - USB4712

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB4715 MICROCHIP-USB4715 Datasheet
2Mb / 47P
USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com