Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 3Page - Microchip Technology USB4712 Datasheet HTML 4Page - Microchip Technology USB4712 Datasheet HTML 5Page - Microchip Technology USB4712 Datasheet HTML 6Page - Microchip Technology USB4712 Datasheet HTML 7Page - Microchip Technology USB4712 Datasheet HTML 8Page - Microchip Technology USB4712 Datasheet HTML 9Page - Microchip Technology USB4712 Datasheet HTML 10Page - Microchip Technology USB4712 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
 2018-2021 Microchip Technology Inc.
DS00002774G-page 7
USB4712
2.0
INTRODUCTION
2.1
General Description
The Microchip family of USB4712 USB 2.0 Hi-Speed hub retimers are single-chip devices targeted for automotive appli-
cations. Primary functions of the devices include: single downstream USB port supporting USB 2.0 Low Speed/Full
Speed/Hi-Speed, single USB 2.0 Hi-Speed upstream connection to a USB host / OTG port, battery charging support for
BC1.2, Apple and China charging profiles, USB I/O bridging, and an on-chip microcontroller.
The USB4712 family employs unique Auto-FlexConnect USB functionality, whereby the downstream port can be recon-
figured to become an upstream port, allowing the host or master capability to be switched between ports. This port/host
becomes the master of the new USB bus, while the other port can connect as USB device.
The USB4712 devices are available in an Automotive Grade 3 (-40°C to +85°C) temperature range. An internal block
diagram of the USB4712 is shown in Figure 2-1.
The USB4712 family of devices offer different feature sets depending upon the system needs. Specifically, FlexConnect
can be executed automatically via a package pin or USB command. In some cases, the chip is capable of being cas-
caded. Additionally, the Hub Feature Controller, which can be used for bridging, can be enabled/on or disabled/off.
Table 2-1 provides a summary of the feature differences between family members.
Note:
Auto-FlexConnect requires Battery Charging v1.2 to always be enabled to function. BC1.2 on USB4712PF
may be optionally enabled or disabled without any negative effect.
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
TABLE 2-1:
FAMILY FEATURE MATRIX
Part Number
Target
Applications
Supports
Head Unit
Suspend
State
Cascadeable Trigger FlexConnect
Hub Feature
Controller
USB4712
Passenger Port
Yes
No
Automatic when new
host detected
On when not flexed
(turns off when flexed)
USB4712PF
Passenger Port or
Cable Extender
Yes
Yes
Executed via package
pin or USB command
Always off
USB4712LS
Passenger Port or
Cable Extender
No
Yes
Automatic when new
host detected
On when not flexed
(turns off when flexed)
USB4712
25 MHz
3.3V
FlexHub Controller
Flex
Port 1
USB
Flex USB 2.0
Hub Feature
Controller
I/O Multiplexer
I
2C/SPI/GPIO
OTP
I/O
USB Host / OTG Port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com