Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4712 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 34Page - Microchip Technology USB4712 Datasheet HTML 35Page - Microchip Technology USB4712 Datasheet HTML 36Page - Microchip Technology USB4712 Datasheet HTML 37Page - Microchip Technology USB4712 Datasheet HTML 38Page - Microchip Technology USB4712 Datasheet HTML 39Page - Microchip Technology USB4712 Datasheet HTML 40Page - Microchip Technology USB4712 Datasheet HTML 41Page - Microchip Technology USB4712 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
USB4712
DS00002774G-page 38
 2018-2021 Microchip Technology Inc.
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002774G (06-01-21)
Figure 3-1, "USB4712 Pin Assign-
ments", Table 3-1, "USB4712 Pin
Assignments"
Added FLEX_CMD pin function to GPIO11
pin and note regarding availability.
Table 3-2, "Pin Descriptions"
• Added FLEX_CMD pin definition to
Miscellaneous section of table.
• Added notes to SMB1_CLK, SMB1_-
DAT, SMB2_CLK, SMB2_DAT,
UART_TX, UART_RX, GPIO6, GPIO11
pin descriptions regarding availability in
USB4712PF.
DS00002774F (08-17-20)
Section 2.1, "General Description"
Note added: “Auto-FlexConnect requires
Battery Charging v1.2 to always be enabled
to function. BC1.2 on USB4712PF may be
optionally enabled or disabled without any
negative effect.”
Table 3.2, "Pin Descriptions"
Description modified for Test 1, Test 2 and
Test 3.
Section 3.3.2, "Battery Charging
Configuration (CFG_BC_EN)"
Note added: “BC1.2 must be enabled for
Auto-FlexConnect feature to operate.
USB4712PF may optionally leave BC1.2
enabled or disabled with no negative effect
to standard (non-Automatic) FlexConnect
operation.”
Section 8.2, "Auto-FlexConnect"
Note added: “The Auto-FlexConnect feature
requires that USB Battery Charging (BC1.2)
be enabled.”
Section 9.2, "Operating Condi-
tions**"
Supply Voltage Rise Time modified.
Table 9-3, "I/O DC Electrical Char-
acteristics"
• MAX values added for I Type Input Buf-
fer and IS Type Input Buffer
• The following note removed: “0.42V for
interfaces using open drain with pull-
ups to voltages up to 2.1V,
0.34V for interfaces using open drain
with pull-ups to voltages greater than
2.1V”
DS00002774E (06-01-20)
Table 2-1, "Family Feature Matrix"
Hub Feature Controller for USB4712LS
modified.
Figure 5-1, "Hub Mode Flowchart"
Diagram updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com