Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 49Page - STMicroelectronics STE2007 Datasheet HTML 50Page - STMicroelectronics STE2007 Datasheet HTML 51Page - STMicroelectronics STE2007 Datasheet HTML 52Page - STMicroelectronics STE2007 Datasheet HTML 53Page - STMicroelectronics STE2007 Datasheet HTML 54Page - STMicroelectronics STE2007 Datasheet HTML 55Page - STMicroelectronics STE2007 Datasheet HTML 56Page - STMicroelectronics STE2007 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
STE2007
8 Commands
53/62
Table 46.
Charge Pump Multiplication Factor
8.20
Refresh Rate
It is possible to select different Refresh Rate.
Table 47.
Refresh Rate
Table 48.
Refresh Rate
8.21
Icon Mode
Icon Mode
–
0: Icon Mode Disabled
–
1: Icon Mode Enabled
Table 49.
Icon Mode
8.22
N- Line Inversion
N-line Inversion Function.
Table 50.
N-Line Inversion
CP1
CP0
Function
00
5 x
01
4 x
10
3 x
1
1
Not Used
(D/C)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Function
0
1
1
1
0
1
1
1
1
EF
Command Identifier
0
*
*
*
*
*
*
RR1
RR0
Data Field
RR1
RR0
Function
00
80 Hz
01
75 Hz
10
70 Hz
1
1
65 hz
(D/C)
D7
D6
D5
D4
D3
D2
D1
D0
Function
0
1
1
1
1
1
0
0
ICON
Command Identifier
(D/C)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Function
0
1
0
1
0
1
1
0
1
AD
Command Identifier
0
*
*
F1
NL4
NL3
NL2
NL1
NL0
Data Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com