Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 42Page - STMicroelectronics STE2007 Datasheet HTML 43Page - STMicroelectronics STE2007 Datasheet HTML 44Page - STMicroelectronics STE2007 Datasheet HTML 45Page - STMicroelectronics STE2007 Datasheet HTML 46Page - STMicroelectronics STE2007 Datasheet HTML 47Page - STMicroelectronics STE2007 Datasheet HTML 48Page - STMicroelectronics STE2007 Datasheet HTML 49Page - STMicroelectronics STE2007 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
8 Commands
STE2007
46/62
8.9
Display data write
This command writes 8–bit data to the specified DDRAM address. Since the column address is
automatically incremented by +1 after each write, the MCU can continuously write multiple–
word data.
Table 27.
Display data write
8.10
Data reading from driver (Driver TxData–mode)
These commands set SDAOUT to Driver TxData–mode and enable to read the identification
byte.
Table 28.
ID Byte
8.11
Power Control Set
This command sets the on–chip power supply function ON/OFF.
Table 29.
Power Control Set
(D/C)
D7D6D5
D4D3D2
D1D0
1
Write Data
(D/C)
D7D6
D5D4
D3D2
D1D0
HEX
Setting
0
1
10
11
01
1
DB
Reads ID byte
0
0
0
IDB
IDA
0
0
0
0
Pad Default
(D/C)
D7D6
D5D4
D3D2
D1D0
HEX
Setting
0
0
01
01
00
0
28
Booster : OFF
Voltage Regulator:OFF
Voltage Follower : OFF
00
0
1
29
00
1
0
2A
00
1
1
2B
01
0
0
2C
01
0
1
2D
01
1
0
2E
01
1
1
2F
Booster : ON
Voltage regulator : ON
Voltage follower : ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com