Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 5 Page - STMicroelectronics

  STE2007 Datasheet HTML 1Page - STMicroelectronics STE2007 Datasheet HTML 2Page - STMicroelectronics STE2007 Datasheet HTML 3Page - STMicroelectronics STE2007 Datasheet HTML 4Page - STMicroelectronics STE2007 Datasheet HTML 5Page - STMicroelectronics STE2007 Datasheet HTML 6Page - STMicroelectronics STE2007 Datasheet HTML 7Page - STMicroelectronics STE2007 Datasheet HTML 8Page - STMicroelectronics STE2007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
STE2007
1 Introduction
5/62
1
Introduction
In this document is specified LCD driver for Black&White full graphic displays with a resolution
of 96x68, 96x65, 96x49, and 96x33 (ColumnsXRows).
Abbreviations
LCD
Liquid Crystal Display
COG
Chip On Glass –technology
MCU
Micro Controller Unit
DDRAM
Display Data Random Access Memory
MSB
Most Significant Bit
LSB
Least Significant Bit
T.B.D.
To Be Defined
Table 1.
General Driver Parameters
Driver assembly technology
Chip On Glass (COG)
Memory Size
(Columns x Rows)
96x68
DDRAM capacity:
6528 bits
Mux
1:68
1:65
1:49
1:33
Frame frequency (Hz)
65
70
75
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com