Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 23Page - STMicroelectronics STE2007 Datasheet HTML 24Page - STMicroelectronics STE2007 Datasheet HTML 25Page - STMicroelectronics STE2007 Datasheet HTML 26Page - STMicroelectronics STE2007 Datasheet HTML 27Page - STMicroelectronics STE2007 Datasheet HTML 28Page - STMicroelectronics STE2007 Datasheet HTML 29Page - STMicroelectronics STE2007 Datasheet HTML 30Page - STMicroelectronics STE2007 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
STE2007
5 Display Data RAM (DDRAM)
27/62
5
Display Data RAM (DDRAM)
5.1
DDRAM and Page/column address circuit
The DDRAM stores pixel data for LCD. It is a 68–row (8 page by 8 bits +4) by 96–column
addressable array. D7 to D0 display data from MCU corresponds to the LCD common direction.
”0” bit in DDRAM is a OFF–dot on display and ”1” bit in DDRAM is displayed as ON–dot on
display.
Figure 20. DDRAM vs. display on LCD
Each pixel can be selected when page address and column address are specified. The MCU
issues Page address set command to change the page and access to another page. In
DDRAM page address 8 (D3,D2,D1,D0=1,0,0,0) only display data D0,D1,D2 & D3 are valid.
The DDRAM column address is specified by Column address set command.
The specified column address is automatically incremented by +1 when a Display data write
command is entered. After the last column address (5Fh), column address returns to 00h and
page address incremented by +1. After the very last address (column=5Fh, page=8h), both
column address and page address return to 00h (column address=00h, page address=0h).
Figure 21. Column address in normal mode
01
1
1
1
D0
COM0
10
0
0
0
D1
COM1
00
0
0
1
D2
COM2
00
1
1
0
D3
COM3
11
0
0
1
D4
COM4
±±
±±
DDRAM
Display on LCD
0H
1H
2H
3H
4H
5H
0
1
2
94
95
96
97
98
192 193 194
288 289 290
384 385 386
480 481 482
190 191
286 287
382 383
478 479
574 575
00H 01H 02H
5EH 5FH
D0
D1
D2
D3
D4
D5
D6
D7
Data
Page address
Column address
6H
7H
8H
576 577 578
672 673 674
768 769 770
670 671
766 767
862 863
Data for page address 0H to 07H
D0
Data for page address 8H
LSBit
MSBit
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com