Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 40Page - STMicroelectronics STE2007 Datasheet HTML 41Page - STMicroelectronics STE2007 Datasheet HTML 42Page - STMicroelectronics STE2007 Datasheet HTML 43Page - STMicroelectronics STE2007 Datasheet HTML 44Page - STMicroelectronics STE2007 Datasheet HTML 45Page - STMicroelectronics STE2007 Datasheet HTML 46Page - STMicroelectronics STE2007 Datasheet HTML 47Page - STMicroelectronics STE2007 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
8 Commands
STE2007
44/62
8.4
Page address set
This command specifies the page address of the DDRAM.
Specifying the page address and column address enables to access a desired bit of the
DDRAM. After the last column address (5FH), page address is incremented by +1. After the
very last address (column = 5FH, page = 8H), page address return to 0H.
Table 22.
Page address set
8.5
Column address set
This command specifies the column address of the DDRAM. The column address is split into
two sections (the upper 3–bits and lower 4–bits) when it is set.
Each time the DDRAM is accessed, the column address automatically increments by +1,
imaging it possible for the MCU to continuously access to the display data. After the last column
address (5FH), column address returns to 00H.
Table 23.
Column address set
* Disabled bit
(D/C)
D7
D6D5
D4D3D2
D1D0
HEX
Setting
0
1
01
100
00
B0
0H
00
0
0
1
B1
1H
00
0
1
0
B2
2H
0:
:
:
01
0
0
0
B8
8H
(D/C)
D7D6
D5D4D3D2
D1D0
Setting
0
0
0
0
1
*
A6
A5
A4
Upper bit address
0
A3
A2
A1
A0
Lower bit address
(D/C)
A6
A5
A4
A3
A2
A1
A0
Column address
0
0
00
00
00
00H
0
0
00
00
01
01H
0
0
00
00
10
02H
..
..
0
1
01
11
10
5EH
0
1
01
11
11
5FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com