Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 20Page - STMicroelectronics STE2007 Datasheet HTML 21Page - STMicroelectronics STE2007 Datasheet HTML 22Page - STMicroelectronics STE2007 Datasheet HTML 23Page - STMicroelectronics STE2007 Datasheet HTML 24Page - STMicroelectronics STE2007 Datasheet HTML 25Page - STMicroelectronics STE2007 Datasheet HTML 26Page - STMicroelectronics STE2007 Datasheet HTML 27Page - STMicroelectronics STE2007 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
4 INTERFACE
STE2007
24/62
4.3.3
MCU TxData Mode (Write Mode)
If the R/W bit is set to logic 0 the STE2007 is set to be a receiver and the master can send
commands or data.
After the communication has started and slaves have acknowledged, the master sends a
control byte defined as follows and waits for its acknowledgement:
The Co bit is the control byte MSB and defines if after this control byte will follow a single byte
sequence (Co = 1) or a multiple bytes sequence (Co = 0). The D/C bit defines whether the
following byte (if Co = 1) or the following stream of bytes (if Co = 0) are command (D/C = 0) or
DDRAM data (D/C = 1).
Depending on state of flags Co and D/C, four writing sequences are possible:
SINGLE COMMAND BYTE SEQUENCE (Co = 1, D/C = 0): a single byte interpreted as a
command will follow the control byte;
SINGLE DATA BYTE SEQUENCE (Co = 1, D/C = 1): a single byte interpreted as a data to be
written in DDRAM will follow the control byte;
MULTIPLE COMMAND BYTES SEQUENCE (Co = 0, D/C = 0): a stream of bytes will follow the
control byte, with each single byte interpreted as a command;
MULTIPLE DATA BYTES SEQUENCE (Co = 0, D/C = 1): a stream of bytes will follow the
control byte, with each byte interpreted as a data byte to be written in DDRAM.
Every single byte of a sequence must be acknowledged by all addressed units.
A multiple data sequence is terminated only by sending a STOP condition on the I2C bus.
When a sequence is terminated, another sequence of any type can follow or a I2C STOP
condition can be sent to close the communication.
In a single or multiple data bytes sequence, every data byte received is stored in the DDRAM at
the location specified by the current values of data pointers. Data pointers are automatically
updated after each single data byte written.
CONTROL BYTE
Co DC
00
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com