Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 3Page - STMicroelectronics STE2007 Datasheet HTML 4Page - STMicroelectronics STE2007 Datasheet HTML 5Page - STMicroelectronics STE2007 Datasheet HTML 6Page - STMicroelectronics STE2007 Datasheet HTML 7Page - STMicroelectronics STE2007 Datasheet HTML 8Page - STMicroelectronics STE2007 Datasheet HTML 9Page - STMicroelectronics STE2007 Datasheet HTML 10Page - STMicroelectronics STE2007 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
STE2007
2 Driver Pin Description
7/62
2
Driver Pin Description
2.1
CPU Interface Pins
Table 2.
CPU Interface Logic
2.2
Power Supply Pins
Table 3.
Power Supply Pins
PIN
Signal
Type
Description
Note
!RES
I
Reset Input
!CS
I
Chip Select Input
When Low the
communication port is
enabled
SDOUT
0
Serial Data Output
Must be connected to
SDAIN at Module
Level
SDAIN
I
Serial Data Input /I2C Interface Data Input
SCLK
I
Serial Clock Input/I2C Interface Clock
SDA_OUT
0
I2C Bus Data Out
Must be left floating
when I2C Interface is
not is use
SA1
I
I2C Slave Address
Cannot be left floating
SA0
I
I2C Slave Address
Cannot be left floating
!D/C
I
4 Line SPI Data/Command Selector
Must be connected to
VSSAUX at Module
Level when 4-Line SPI
is not in USE
PIN
Signal
Type
Description
Note
VSS
Power
Analog & Digital Grounds
VSS_LCD
Power
Drivers Analog Ground
VSS_CP
Power
Booster Ground
VDDI
Power
Digital Power
VDD
Power
Analog Supply
VDD_CP
Power
Booster Power Supply
VSSAUX
Power
Auxiliar Vss Output
Table 4.
High Voltage Pins
PIN
Signal
Type
Description
Note
VLCD
High
Voltage
Booster Output
Cext = 0.1-1
µF
Connected to Vss
VLCD_SENSE
High
Voltage
Booster Sense Input
Must be connected to
Vlcd at module level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com