Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 36Page - STMicroelectronics STE2007 Datasheet HTML 37Page - STMicroelectronics STE2007 Datasheet HTML 38Page - STMicroelectronics STE2007 Datasheet HTML 39Page - STMicroelectronics STE2007 Datasheet HTML 40Page - STMicroelectronics STE2007 Datasheet HTML 41Page - STMicroelectronics STE2007 Datasheet HTML 42Page - STMicroelectronics STE2007 Datasheet HTML 43Page - STMicroelectronics STE2007 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
7 Power ON/Power OFF timing Sequence
STE2007
40/62
7
Power ON/Power OFF timing Sequence
In
Figure 33 is the timing diagram for power on/power down sequences.
Figure 33. Timing for phone’s power on sequence when VDD,VDDCP Up before VDDI
XCS,SDAIN,XRES can become ”High” simultaneously with VDDI (tcs>0,tpi>0;tp2>0).
trs= max 5000ns (Internal Reset Time- see AC Characteristics Paragraph)
tPWROFF1>0ms must be considered when driver is in Power Saver or Booster OFF status
tPWROFF2>20ms must be considered when driver is in Normal Working Condition
VDDI, VDD and VDD_CP can come up/go down in any sequence
VDDI can be Up with VDD, VDDCP down and viceversa. If only one supply rail is up, the driver
is forced in reset state.
If VDD is high after VDDI all timing referred to VDDI must be referred to VDD (Fig. 24)
Figure 34. Timing for phone’s power on sequence when VDDI Up before VDD
VDDI
VDD
!RES
INTERNAL
RESET
tp2 >0
µs
tp1 > 0
trs = max. 5
µs
Reset State
Reset State
!CS
Trs = max. 5
µs
tPWROFF1 >0 ms
tPWROFF2 >20ms
tp1 > 0
tcs >0
µs
Inputs
tpi >0
µs
tpi >0
µs
Outputs
High-Z
High-Z
tcs >0
µs
VDDI
VDD
!RES
INTERNAL
RESET
tp2 >0
µs
tp1 < 0
trs = max. 5
µs
Reset State
Reset State
!CS
Trs = max. 5
µs
tPWROFF1 >0 ms
tPWROFF2 >20ms
tp1 < 0
tcs >0
µs
SDAIN
tpi >0
µs
tpi >0
µs
SDAOUT
High-Z
High-Z
tcs >0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com