Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 8Page - STMicroelectronics STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics STE2007DIE2 Datasheet HTML 13Page - STMicroelectronics STE2007DIE2 Datasheet HTML 14Page - STMicroelectronics STE2007DIE2 Datasheet HTML 15Page - STMicroelectronics STE2007DIE2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
3 Display Driver Electrical Characteristics
STE2007
12/62
3.3
AC Characteristics
3.4
MCU Tx Data Mode
Table 10.
AC Characteristics for Serial interface
Note: 1 The input signal rise and fall times must be within 10ns.
2 Every timing is specified on the basis of 30% and 70% of VDDI.
3Tamb = -40 to 85°C, unless otherwise specified.
Figure 2.
MCU TxData timing
Table 9.
AC Operation - Internal Oscillator
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FFRAME
Frame Frequency Default
VDDI= 1.6; VDD= 2.9V
Rafresh Rate = 75Hz
Tamb = -20°C to +70°C
68
75
82
Hz
Description
Signal
Symbol
Notes
Min.
Typ.
Max.
Unit
Chip Select
!CS
tcss
60
ns
tcsh
100
ns
tchw
50
ns
Input Serial Data Interface
SDAIN
tsds
Data setup time
100
ns
tsdh
Data hold time
100
125
ns
Output Serial Data interface
SDAOUT
tac
Access Time
0
100
ns
tod
Output Disable
Time
25
100
ns
Serial clock input
SCLK
tscyc
Serial clock cycle
250
ns
tshw
Serial clock H
pulse width
100
ns
tslw
Serial clock L
pulse width
100
ns
!CS
SCLK
SDA/MCU TxData
tcss
tcsh
tscyc
tslw
tshw
tr
tsdh
tsds
tf
tchw
tchw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com