Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 17Page - STMicroelectronics STE2007DIE2 Datasheet HTML 18Page - STMicroelectronics STE2007DIE2 Datasheet HTML 19Page - STMicroelectronics STE2007DIE2 Datasheet HTML 20Page - STMicroelectronics STE2007DIE2 Datasheet HTML 21Page - STMicroelectronics STE2007DIE2 Datasheet HTML 22Page - STMicroelectronics STE2007DIE2 Datasheet HTML 23Page - STMicroelectronics STE2007DIE2 Datasheet HTML 24Page - STMicroelectronics STE2007DIE2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
STE2007
4 INTERFACE
21/62
If a new command identifier is transferred after a pause condition the previous communication
session is definitively closed.
Four are the possible conditions:
Command-Pause-Command
Command-Pause-Parameter
Parameter-Pause-Command
Parameter-Pause-Parameter
Figure 13. 4-lines SPI Data Transfer Pause
4.2.2
Driver TxData Mode (Read Mode)
Throughout SDA line is possible to read some registers value (ID Numbers, Status byte,
temperature).
SDA (output Driver) is in High impedance in steady state and during data write.
Figure 14. 4-lines SPI 8Bit Read Cycle
4.3
I2C Bus
The I2C interface is a fully complying I2C bus specification, selectable to work in both Fast
(400kHz Clock) and High Speed Mode (3.4MHz).
This bus is intended for communication between different ICs. It consists of two lines: one bi-
directional for data signals (SDA) and one for clock signals (SCL). Both the SDA and SCL lines
must be connected to a positive supply voltage via an active or passive pull-up.
The following protocol has been defined:
LR0191
D3
D2
D1
D0
D7
D6
D5
D4
D3
D/!C
!CS
SDA
SCL
COMMAND/PARAMETER
COMMAND/PARAMETER
Pause
D2
D1
D0
LR0255
!CS
SCL
Read Command
DATA
SDA
(Input)
D7
D6
D5
D4
D3
D2
D1
D0
D0
D7
D6
D5
D4
D3
D2
D1
D7
D6
D5
D4
D3
D2
D1
D0
SDA
(Output)
High Z
High Z
MCU Data Tx Start
MCU Data Tx Start
LCD Driver Data Tx Start
Next Command
D!C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com