Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics STE2007DIE2 Datasheet HTML 13Page - STMicroelectronics STE2007DIE2 Datasheet HTML 14Page - STMicroelectronics STE2007DIE2 Datasheet HTML 15Page - STMicroelectronics STE2007DIE2 Datasheet HTML 16Page - STMicroelectronics STE2007DIE2 Datasheet HTML 17Page - STMicroelectronics STE2007DIE2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
3 Display Driver Electrical Characteristics
STE2007
14/62
Figure 3.
Driver TxData Mode AC timing characteristics
3.4.2
Reset Timing
Table 14.
Reset Timing
Note: 1 The input signal rise and fall times must be within 10ns.
2 Every timing is specified on the basis of 30% and 70% of VDDI.
3Tamb = -40 to 85°C, unless otherwise specified.
Description
Signal
Symbol
Min.
Max.
Unit
Reset time
!RES
trs
2500
ns
Reset low pulse width (for valid reset)
!RES
trw
2500
Reset rejection (for noise spike)
!RES
trj
1000
Hi±Z
Status
T1
T2
T3
T4
Tx
Tx
Rx
Command
Command
Hi±Z
SCLK
Hi±Z
Hi±Z
Timing B
Timing A
Timing A
Timing B
!CS
!CS
MCU TxData
Driver TxData
SCLK
SCLK
Driver TxData
MCU TxData
MCU Data direction
Driver TxData
MCU TxData
Driver SDA direction
in
out
out
in
Driver SDA direction
T5
D/C
1/2 SCLK
1/2 SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com