Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 37Page - STMicroelectronics STE2007DIE2 Datasheet HTML 38Page - STMicroelectronics STE2007DIE2 Datasheet HTML 39Page - STMicroelectronics STE2007DIE2 Datasheet HTML 40Page - STMicroelectronics STE2007DIE2 Datasheet HTML 41Page - STMicroelectronics STE2007DIE2 Datasheet HTML 42Page - STMicroelectronics STE2007DIE2 Datasheet HTML 43Page - STMicroelectronics STE2007DIE2 Datasheet HTML 44Page - STMicroelectronics STE2007DIE2 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
STE2007
7 Power ON/Power OFF timing Sequence
41/62
Table 18.
Instruction Set
Command
Code
Function
(D/C) D7
D6D5D4D3D2
D1D0 Hex
Display ON/OFF
0
1
01011
1
0
1
AE
AF
LCD display
0: OFF, 1: ON
Display normal/
reverse
0
1
01001
1
0
1
A6
A7
LCD display
0: normal, 1: reverse
Display all points ON/
OFF
0
1
01001
0
0
1
A4
A5
LCD display
0: normal display, 1: all points ON
Page address set
0
1
0
1
1
address
Sets the DDRAM page address
Column address set
upper 3–bit address
0
0
001
*
address
Sets the DDRAM column address
Column address set
lower 4–bit address
0
0
0
0
0
address
Display start line
address set
0
0
1
address
Sets the DDRAM display start line
address
Segment driver
direction
0
1
01000
0
0
1
A0
A1
Sets the correspondence between
the DDRAM column address and
the SEG driver output.
0:Normal, 1: reverse
Common driver
direction select
0
1
100
0
1
***
Sets the correspondence between
the DDRAM line address and the
COM driver output.
0: normal, 1: reverse
Display data write
1
Write data
Writes to the DDRAM
Self Test/Identification
data reading
0
1
10110
11
DB Identification byte
Power control set
0
0
0101
Operating
mode
Sets the on–chip power supply
circuit operating mode
VO-Range
0
0
0100
VO-Range
Sets the electronic volume value
Electronic volume
0
1
0
0
Electronic volume value
Sets the electronic volume value
Power saver
–
–
–––––
––
Compound command of Display
OFF and Display-all-points-ON
Reset
0
1
11000
10
E2
Internal reset
NOP
0
1
11000
11
E3
Non–operation
VOP
0
1
11000
01
E1
Sets the VLCD
0
VOP[7:0]
Termal Compensation
0
0
01110
00
38
SET VLCD Slope in temperature
0
***
**
Thermal
Comp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com