Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 18Page - STMicroelectronics STE2007DIE2 Datasheet HTML 19Page - STMicroelectronics STE2007DIE2 Datasheet HTML 20Page - STMicroelectronics STE2007DIE2 Datasheet HTML 21Page - STMicroelectronics STE2007DIE2 Datasheet HTML 22Page - STMicroelectronics STE2007DIE2 Datasheet HTML 23Page - STMicroelectronics STE2007DIE2 Datasheet HTML 24Page - STMicroelectronics STE2007DIE2 Datasheet HTML 25Page - STMicroelectronics STE2007DIE2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
4 INTERFACE
STE2007
22/62
–
Data transfer may be initiated only when the bus is not busy.
–
During data transfer, the data line must remain stable whenever the clock line is high.
Changes in the data line while the clock line is high will be interpreted as a Start or
Stop Data Transfer condition (see below).
Accordingly, the following bus conditions have been defined:
BUS not busy: Both data and clock lines remain High.
Start Data Transfer: A change in the state of the data line, from High to Low, while the clock is
High, define the START condition.
Stop Data Transfer: A Change in the state of the data line, from low to High, while the clock
signal is High, defines the STOP condition.
Data Valid: The state of the data line represents valid data when after a start condition, the
data line is stable for the duration of the High period of the clock signal. The data on the line
may be changed during the Low period of the clock signal. There is one clock pulse per bit of
data.
Each data transfer starts with a start condition and terminated with a stop condition. The
number of data bytes transferred between the start and the stop conditions is not limited. The
information is transmitted byte-wide and each receiver acknowledges with the ninth bit.
By definition, a device that gives out a message is called "transmitter", the receiving device that
gets the signals is called "receiver". The device that controls the message is called "master".
The devices that are controlled by the master are called "slaves"
Acknowledge. Each byte of eight bits is followed by one acknowledge bit. This acknowledge
bit is a low level put on the bus by the receiver, whereas the master generates an extra
acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each
byte. Also, a master receiver must generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter. The device that acknowledges has to pull
down the SDA_IN line during the acknowledge clock pulse. Of course, setup and hold time
must be taken into account. A master receiver must signal an end-of-data to the slave
transmitter by not generating an acknowledge on the last byte that has been clocked out of the
slave. In this case, the transmitter must leave the data line High to enable the master to
generate the STOP condition.
Connecting SDA_IN and SDA_OUT together the SDA line become the standard data line.
Having the acknowledge output (SDAOUT) separated from the serial data line is advantageous
in Chip-On-Glass (COG) applications. In COG applications where the track resistance from the
SDAOUT pad to the system SDA line can be significant, a potential divider is generated by the
bus pull-up resistor and the Indium Tin Oxide (ITO) track resistance. It is possible that during
the acknowledge cycle the STE2007 will not be able to create a valid logic 0 level. By splitting
the SDA input from the output the device could be used in a mode that ignores the
acknowledge bit. In COG applications where the acknowledge cycle is required, it is necessary
to minimize the track resistance from the SDACK pad to the system SDA line to guarantee a
valid LOW level.
To be compliant with the I2C-bus Hs-mode specification the STE2007 is able to detect the
special sequence "S00001xxx". After this sequence no acknowledge pulse is generated.
Since no internal modification are applied to work in Hs-mode, the device is able to work in Hs-
mode without detecting the master code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com