Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 44Page - STMicroelectronics STE2007DIE2 Datasheet HTML 45Page - STMicroelectronics STE2007DIE2 Datasheet HTML 46Page - STMicroelectronics STE2007DIE2 Datasheet HTML 47Page - STMicroelectronics STE2007DIE2 Datasheet HTML 48Page - STMicroelectronics STE2007DIE2 Datasheet HTML 49Page - STMicroelectronics STE2007DIE2 Datasheet HTML 50Page - STMicroelectronics STE2007DIE2 Datasheet HTML 51Page - STMicroelectronics STE2007DIE2 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
8 Commands
STE2007
48/62
Table 31.
V0R
8.12.2 VOP Set
Contrast Setting Adjustment .
Table 32.
VOP Set
Table 33.
VOP
(D/C)
D7
D6D5D4D3
D2D1D0
HEX
V0R
Value
32 · V0R · B + VLCDMIN
0
0
0100
000
20
0
3.00 V
0
0
0
1
21
1
4.28 V
0
0
1
0
22
2
5.56 V
0
0
1
1
23
3
6.84 V
0
1
0
0
24
4
8.12 V (Default)
0
1
0
1
25
5
9.40 V
0
1
1
0
26
6
10.68 V
0
1
1
1
27
7
11.96 V
(D/C)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Function
011
100001
E1
Command Identifier
0
VOP7 VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0
Data Field
VOP7 VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0
HEX
VOP Adjustment
00000000
00
0 Step (Default)
00000001
01
+1 Step
00000010
02
+2 Step
::::::::
:
:
01111111
7F
+127 Step
10000000
80
0 Step
10000001
81
-1 Step
::::::::
:
:
11111101
FD
-125 Step
11111110
FE
-126 Step
11111111
FF
-127 Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com