Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 1 Page - STMicroelectronics

  STE2007DIE2 Datasheet HTML 1Page - STMicroelectronics STE2007DIE2 Datasheet HTML 2Page - STMicroelectronics STE2007DIE2 Datasheet HTML 3Page - STMicroelectronics STE2007DIE2 Datasheet HTML 4Page - STMicroelectronics STE2007DIE2 Datasheet HTML 5Page - STMicroelectronics STE2007DIE2 Datasheet HTML 6Page - STMicroelectronics STE2007DIE2 Datasheet HTML 7Page - STMicroelectronics STE2007DIE2 Datasheet HTML 8Page - STMicroelectronics STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Rev 1
November 2005
1/62
62
STE2007
96 x 68 Single Chip LCD Controller/Driver
Features
■ 68 x 96 bits Display Data RAM
■ 33,49, 65 and 68 Lines Mode
■ Row by Row Scrolling
■ Interfaces
– 3-lines Serial Interface (read and write)
–I2C (read and write)
– 4-Line Serial (read and write)
■ Partial Display Mode (33,25,17,9 Lines Mode)
■ Fully Integrated Oscillator requires no external
components
■ CMOS Compatible Inputs
■ Programmable ID-Number
■ Programmable Bias Ratio
■ Programmable Columns Organization
■ Fully Integrated Configurable LCD bias voltage
generator with:
– Selectable multiplication factor (3x, 4X and
5X)
– Effective sensing for High Precision Output
– Eight selectable temperature compensation
coefficients
■ Designed for chip-on-glass (COG) applications
■ Low Power Consumption, suitable for battery
operated systems
■ Interfaces Supply Voltage range from 1.6 to
3.6V
■ High Voltage Generator Supply Voltage range
from 2.4 to 3.6V
■ Display Supply Voltage range from 3 to 13.2V
(Tamb = 25°C)
Description
The STE2007 is a low power LCD driver, capable
to drive 96 columns and up to 68 lines, designed
for monochrome displays.
The STE2007 includes fully integrated bias
voltage generator (up to 5x multiplication factor),
and internal oscillator, thus reducing to minimum
the number of external components required and
the current consumption.
The STE2007 features the three standard serial
interfaces (3 and 4 lines serial, I2C interface).
Order codes
Type
Ordering Number
Bumped Dice on Waffle Pack
STE2007DIE2
www.st.com


Similar Part No. - STE2007DIE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2007DIE2 STMICROELECTRONICS-STE2007DIE2 Datasheet
718Kb / 62P
96 x 68 Single-chip LCD controller/driver
12-Dec-2006
More results

Similar Description - STE2007DIE2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
96 x 68 Single-chip LCD controller/driver
12-Dec-2006
logo
Sitronix Technology Co....
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
4 x 96 Dot Matrix LCD Controller/Driver
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7568 SITRONIX-ST7568 Datasheet
1Mb / 73P
68 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com