Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2007DIE2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE2007DIE2
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007DIE2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE2007DIE2 Datasheet HTML 9Page - STMicroelectronics STE2007DIE2 Datasheet HTML 10Page - STMicroelectronics STE2007DIE2 Datasheet HTML 11Page - STMicroelectronics STE2007DIE2 Datasheet HTML 12Page - STMicroelectronics STE2007DIE2 Datasheet HTML 13Page - STMicroelectronics STE2007DIE2 Datasheet HTML 14Page - STMicroelectronics STE2007DIE2 Datasheet HTML 15Page - STMicroelectronics STE2007DIE2 Datasheet HTML 16Page - STMicroelectronics STE2007DIE2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
STE2007
3 Display Driver Electrical Characteristics
13/62
Table 11.
Input Signals Change Time
3.4.1
Driver TxData Mode
Table 12.
Timings based on 4 MHz SCLK Speed
Note: 1 Data Hold Time T1 depends on SCLK high time and Max Data Hold time. It is Always 3-8ns
before SCLK pulse falling edge
2 The input signal rise and fall times must be within 10ns.
3 Every timing is specified on the basis of 30% and 70% of VDDI.
4Tamb = -40 to 85°C, unless otherwise specified.
Table 13.
Timings based on 1 MHz SCLK Speed
Note: 1 The input signal rise and fall times must be within 10ns.
2 Every timing is specified on the basis of 30% and 70% of VDDI.
3Tamb = -40 to 85°C, unless otherwise specified.
Signal
Symbol
Parameter
Minimum
Typical/
Nominal
Maximum
Unit / Notes
Inputs
tr,tf
10
ns / to 30% & 70% levels
Item
Symbol
Condition
Rating
Units
Min.
Max.
Data hold time
T1
Note 1
100
125
ns
Access time
T2
–
10
100
ns
Output disable time
T3
–
25
100
ns
Data setup time
T4
–
100
–
ns
!CS pulse width high
T5
–
250
ns
Item
Symbol
Condition
Rating
Units
Min.
Max.
Data hold time *)
T1
–
100
125
ns
Access time
T2
–
10
450
ns
Output disable time
T3
–
25
450
ns
Data setup time
T4
–
100
–
ns
1CS pulse width high
T5
–
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com